Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 316Page - Renesas Technology Corp HD6417618 Datasheet HTML 317Page - Renesas Technology Corp HD6417618 Datasheet HTML 318Page - Renesas Technology Corp HD6417618 Datasheet HTML 319Page - Renesas Technology Corp HD6417618 Datasheet HTML 320Page - Renesas Technology Corp HD6417618 Datasheet HTML 321Page - Renesas Technology Corp HD6417618 Datasheet HTML 322Page - Renesas Technology Corp HD6417618 Datasheet HTML 323Page - Renesas Technology Corp HD6417618 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 288 of 610
REJ09B0131-0600
(a)
Receive Descriptor 0 (RD0)
RD0 indicates the receive frame status. The CPU and E-DMAC use RD0 to report the frame
receive status.
Bit
Bit Name
Initial
value
R/W
Description
31
RACT
0
R/W
Receive Descriptor Active
Indicates that this descriptor is active. The E-DMAC
resets this bit after receive data has been transferred
to the receive buffer. On completion of receive frame
processing, the CPU sets this bit to prepare for
reception.
0: The receive descriptor is invalid.
Indicates that the receive buffer is not ready
(access disabled by E-DMAC), or this bit has been
reset by a write-back operation on termination of
E-DMAC frame transfer processing (completion or
suspension of reception).
If this state is recognized in an E-DMAC descriptor
read, the E-DMAC terminates receive processing
and receive operations cannot be continued.
Reception can be restarted by setting RACT to 1
and executing receive initiation.
1: The receive descriptor is valid
Indicates that the receive buffer is ready (access
enabled) and processing for frame transfer from
the FIFO has not been executed, or that frame
transfer is in progress.
When this state is recognized in an E-DMAC
descriptor read, the E-DMAC continues with the
receive operation.
30
RDLE
0
R/W
Receive Descriptor List Last
After completion of the corresponding buffer transfer,
the E-DMAC references the first receive descriptor.
This specification is used to set a ring configuration
for the receive descriptors.
0: This is not the last receive descriptor list
1: This is the last receive descriptor list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com