Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38K2 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 144Page - Renesas Technology Corp 38K2 Datasheet HTML 145Page - Renesas Technology Corp 38K2 Datasheet HTML 146Page - Renesas Technology Corp 38K2 Datasheet HTML 147Page - Renesas Technology Corp 38K2 Datasheet HTML 148Page - Renesas Technology Corp 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp 38K2 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 358 page
background image
FUNCTIONAL DESCRIPTION SUPPLEMENT
Rev.2.00
Oct 15, 2006
page 129 of 130
38K2 Group
HARDWARE
REJ09B0338-0200
FUNCTIONAL DESCRIPTION SUPPLEMENT
A/D Converter
A/D conversion is started by setting AD conversion completion bit to
“0.” During A/D conversion, internal operations are performed as fol-
lows.
1. After the start of A/D conversion, AD conversion register goes to
“0016.”
2. The highest-order bit of AD conversion register is set to “1,” and
the comparison voltage Vref is input to the comparator. Then, Vref
is compared with analog input voltage VIN.
3. As a result of comparison, when Vref < VIN, the highest-order bit
of AD conversion register becomes “1.” When Vref > VIN, the
highest-order bit becomes “0.”
By repeating the above operations up to the lowest-order bit of the
AD conversion register, an analog value converts into a digital
value.
A/D conversion completes at 122 clock cycles (15.25
µs at system
clock = 8 MHz, Through mode) after it is started, and the result of
the conversion is stored into the AD conversion register.
Concurrently with the completion of A/D conversion, A/D conversion
interrupt request occurs, so that the AD conversion interrupt request
bit is set to “1.”
Table 16 Relative formula for a reference voltage VREF of A/D
converter and Vref
VREF
1024
✽1–✽10: A result of the first comparison to the tenth comparison
Table 17 Change of AD conversion register during A/D conversion
At start of conversion
First comparison
Second comparison
Third comparison
After completion of tenth
comparison
0
A result of A/D conversion
✽
1
Change of AD conversion register
0
±
Value of comparison voltage (Vref)
VREF
2
VREF
2
VREF
4
±
VREF
2
VREF
4
±
VREF
8
When n = 0
Vref = 0
When n = 1 to 1023
Vref =
✕ n
n: Value of A/D converter (decimal numeral)
±
VREF
2
VREF
4
±
VREF
1024
± • • • •
0
0
00
0
0
00
0
1
0
0
00
0
0
0
0
0
10
0
0
0
0
00
0
✽
1 ✽2
00
0
0
0
0
0
1
✽
1 ✽2 ✽3 ✽4 ✽5 ✽6 ✽7 ✽8 ✽9 ✽10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com