Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38K2 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 148Page - Renesas Technology Corp 38K2 Datasheet HTML 149Page - Renesas Technology Corp 38K2 Datasheet HTML 150Page - Renesas Technology Corp 38K2 Datasheet HTML 151Page - Renesas Technology Corp 38K2 Datasheet HTML 152Page - Renesas Technology Corp 38K2 Datasheet HTML 153Page - Renesas Technology Corp 38K2 Datasheet HTML 154Page - Renesas Technology Corp 38K2 Datasheet HTML 155Page - Renesas Technology Corp 38K2 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 358 page
background image
2.1 I/O port
Rev.2.00
Oct 15, 2006
page 3 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
2.1.2 Related registers
Fig. 2.1.2 Structure of Port Pi (i = 0 to 6)
Fig. 2.1.3 Structure of Port Pi direction register (i = 0 to 6)
Port Pi
b7 b6b5b4b3b2b1b0
BFunction
At reset
R W
0
1
2
3
4
5
6
7
Name
Port Pi0
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
In output mode
Write
Read
q
Port latch
In input mode
Write : Port latch
Read : Value of pins
q
Port Pi (Pi) (i = 0, 1, 2, 3, 4, 5, 6) (Note)
[Address : 0016, 0216, 0416, 0616, 0816, 0A16, 0C16]
?
?
?
?
?
?
?
?
Note: Since the following ports are not allocated, the corrrsponding bits can not be used.
• P20 to P23
• P44 to P47
• P64 to P67
Port Pi direction register
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi direction register
0
0
0
0
0
0
0
0
Port Pi direction register (PiD) (i = 0, 1, 2, 3, 4, 5, 6) (Note)
[Address : 0116, 0316, 0516, 0716, 0916, 0B16, 0D16]
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
✕
✕
✕
✕
✕
✕
✕
✕
Note: Since the following ports are not allocated, the corrrsponding bits can not be used.
• P20 to P23
• P44 to P47
• P64 to P67
Do not set bits of the direction register corresponding to ports P20–P23 (bits 0–3 of port P2 direction
register (address 0516)) to output mode (“1”).
If writing to these bits, write “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com