| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 55 Page - Renesas Technology Corp |
|
55 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page lv of lxxii Figure 9.11 Hardware Standby Mode Timing (CA = Low during WDT Operation while Standby Mode is Cleared) ............................................................................ 256 Section 10 On-Chip Oscillation Circuits Figure 10.1 Block Diagram of Clock Pulse Generator .............................................................. 259 Figure 10.2 Block Diagram of the WDT ................................................................................... 271 Figure 10.3 Writing to WTCNT and WTCSR........................................................................... 275 Figure 10.4 Points for Attention when Using Crystal Resonator............................................... 277 Figure 10.5 Points for Attention when Using PLL Oscillator Circuit ....................................... 278 Section 11 Extend Clock Pulse Generator for USB (EXCPG) Figure 11.1 Block Diagram of EXCPG ..................................................................................... 279 Section 12 Bus State Controller (BSC) Figure 12.1 Corresponding to Logical Address Space and Physical Address Space................. 285 Figure 12.2 Corresponding to Logical Address Space and Physical Address Space................. 289 Figure 12.3 Physical Space Allocation ...................................................................................... 291 Figure 12.4 Writing to RFCR, RTCSR, RTCNT, and RTCOR................................................. 315 Figure 12.5 Basic Timing of Basic Interface ............................................................................. 326 Figure 12.6 Example of 32-Bit Data-Width Static RAM Connection ....................................... 327 Figure 12.7 Example of 16-Bit Data-Width Static RAM Connection ....................................... 328 Figure 12.8 Example of 8-Bit Data-Width Static RAM Connection ......................................... 328 Figure 12.9 Basic Interface Wait Timing (Software Wait Only)............................................... 329 Figure 12.10 Basic Interface Wait State Timing (Wait State Insertion by WAIT Signal WAITSEL = 1)....................................................................................................... 330 Figure 12.11 Example of 64-Mbit Synchronous DRAM Connection (32-Bit Bus Width).......... 332 Figure 12.12 Example of 64-Mbit Synchronous DRAM (16-Bit Bus Width)............................. 333 Figure 12.13 Basic Timing for Synchronous DRAM Burst Read ............................................... 336 Figure 12.14 Synchronous DRAM Burst Read Wait Specification Timing ................................ 337 Figure 12.15 Basic Timing for Synchronous DRAM Single Read.............................................. 338 Figure 12.16 Basic Timing for Synchronous DRAM Burst Write .............................................. 339 Figure 12.17 Basic Timing for Synchronous DRAM Single Write............................................. 341 Figure 12.18 Auto-Refresh Operation ......................................................................................... 342 Figure 12.19 Synchronous DRAM Auto-Refresh Timing........................................................... 343 Figure 12.20 Synchronous DRAM Self-Refresh Timing ............................................................ 344 Figure 12.21 Synchronous DRAM Mode Write Timing ............................................................. 346 Figure 12.22 Burst ROM Wait Access Timing ........................................................................... 348 Figure 12.23 Burst ROM Basic Access Timing .......................................................................... 349 Figure 12.24 Example of PCMCIA Interface (If Internal PC Card Controller is not used.)........ 351 Figure 12.25 Basic Timing for PCMCIA Memory Card Interface.............................................. 353 Figure 12.26 Wait Timing for PCMCIA Memory Card Interface ............................................... 354 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |