Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7727 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 93Page - Renesas Technology Corp SH7727 Datasheet HTML 94Page - Renesas Technology Corp SH7727 Datasheet HTML 95Page - Renesas Technology Corp SH7727 Datasheet HTML 96Page - Renesas Technology Corp SH7727 Datasheet HTML 97Page - Renesas Technology Corp SH7727 Datasheet HTML 98Page - Renesas Technology Corp SH7727 Datasheet HTML 99Page - Renesas Technology Corp SH7727 Datasheet HTML 100Page - Renesas Technology Corp SH7727 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 25 of 1034
REJ09B0254-0500
2.1.1
General Purpose Registers
There are sixteen 32-bit general registers (Rn), designated R0 to R15. The general registers are
used for data processing and address calculation.
With SuperH microcomputer type instructions, R0 is used as an index register. With a number of
instructions, R0 is the only register that can be used. R15 is used as the stack pointer (SP). In
exception handling, R15 is used to reference the stack when saving and restoring the status register
(SR) and program counter (PC).
With DSP type instructions, eight of the sixteen general registers are used for addressing of X and
Y data memory and data memory (single data) that uses the L-bus.
To access X memory, R4 and R5 are used as X address register [Ax] and R8 is used as X index
register [Ix]. To access Y memory, R6 and R7 are used as Y address register [Ay] and R9 is used
as Y index register [Iy]. To access single data that uses the L-bus, R2, R3, R4, and R5 are used as
single data address register [As] and R8 is used as single data index register [Is].
Figure 2.3 shows the general purpose registers, which are identical to SH-3’s, when DSP
extension is disabled.
31
R0*1 *2
R1*2
R2*2
R3*2
R4*2
R5*2
R6*2
R7*2
R8
R9
R10
R11
R12
R13
R14
R15
0
General Registers (when not in DSP mode)
Notes: 1. R0 functions as an index register in the
indexed register-indirect addressing mode
and indexed GBR-indirect addressing mode.
In some instructions, only R0 can be used as
the source register or destination register.
2. R0 to R7 are banked registers. In user mode,
BANK0 is used. In privileged mode, SR.RB
specifies BANK.
SR.RB = 0; BANK0 is used
SR.RB = 1; BANK1 is used
Figure 2.3 General Purpose Register (Not in DSP Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com