| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page viii of lxxii Page Previous Version Revised Version 169 7.2.2 IRQ Interrupt IRQ interrupts are input by priority from pins IRQ0 to IRQ5 with a level or an edge. The priority level can be set by priority setting registers C, D (IPRC, IPRD) in a range from levels 0 to 15. When using edge-sensing for IRQ interrupts, clear the interrupt source by having software read 1 from the corresponding bit in IRR0, then write 0 to the bit. IRQ interrupts are input by priority from pins IRQ0 to IRQ5 with a level or an edge. The priority level can be set by priority setting registers C, D (IPRC, IPRD) in a range from levels 0 to 15. When using edge sensing for IRQ interrupts, do the following to clear IR0. To clear bits IRQ5R to IRQ0R to 0, read from IRR0 before writing. After confirming that the bits to be cleared to 0 are set to 1, write 0 to them. In this case write 0 only to the bits to be cleared; write 1 to the other bits. The values of the bits to which 1 is written do not change. When level sensing is used for IRQ interrupts, bits IRQ5R to IRQ0R indicate whether or not an interrupt request has been input. They can be set and cleared by the values input to pins IRQ5R to IRQ0R alone. 175 Table 7.4 Interrupt Exception Handling Sources and Priority (IRQ Mode) Interrupt Source INTEVT Code (INTEVT2 Code) Interrupt Priority (Initial Value) IPR (Bit Numbers) Priority within IPR Setting Unit Default Priority TMU1 TUNI1 H'420 (H'420) 0–15 (0) IPRA (11–8) — High TMU2 TUNI2 H'440 (H'440) 0–15 (0) IPRA (7–4) High TICPI2 H'460 (H'460) Low RTC ATI H'480 (H'480) 0–15 (0) IPRA (3–0) High PRI H'4A0 (H'4A0) CUI H'4C0 (H'4C0) Low SCI0 ERI H'4E0 (H'4E0) 0–15 (0) IPRB (3–0) High RXI H'500 (H'500) TXI H'520 (H'520) TEI H'540 (H'540) Low Low Interrupt Source INTEVT Code (INTEVT2 Code) Interrupt Priority (Initial Value) IPR (Bit Numbers) Priority within IPR Setting Unit Default Priority TMU1 TUNI1 H'420 (H'420) 0–15 (0) IPRA (11–8) — High TMU2 TUNI2 H'440 (H'440) 0–15 (0) IPRA (7–4) — RTC ATI H'480 (H'480) 0–15 (0) IPRA (3–0) High PRI H'4A0 (H'4A0) CUI H'4C0 (H'4C0) Low SCI0 ERI H'4E0 (H'4E0) 0–15 (0) IPRB (7–4) High RXI H'500 (H'500) TXI H'520 (H'520) TEI H'540 (H'540) Low Low 177 Table 7.5 Interrupt Exception Handling Sources and Priority (IRL Mode) Interrupt Source INTEVT Code (INTEVT2 Code) Interrupt Priority (Initial Value) IPR (Bit Numbers) Priority within IPR Setting Unit Default Priority ADC ADI H'200–3C0* (H'980) 0–15 (0) IPRE (3–0) — High LCDC LCDCI H'200–3C0* (H'9A0) 0–15 (0) IPRF (11–8) — TMU1 TUNI1 H'420 (H'420) 0–15 (0) IPRA (11–8) — TMU2 TUNI2 H'440 (H'440) 0–15 (0) IPRA (7–4) High TICPI2 H'460 (H'460) Low Low Interrupt Source INTEVT Code (INTEVT2 Code) Interrupt Priority (Initial Value) IPR (Bit Numbers) Priority within IPR Setting Unit Default Priority ADC ADI H'200–3C0* (H'980) 0–15 (0) IPRE (3–0) — High LCDC LCDCI H'200–3C0* (H'9A0) 0–15 (0) IPRF (11–8) — TMU1 TUNI1 H'420 (H'420) 0–15 (0) IPRA (11–8) — TMU2 TUNI2 H'440 (H'440) 0–15 (0) IPRA (7–4) — Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |