Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32186 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 5 Page - Renesas Technology Corp

  32186 Datasheet HTML 1Page - Renesas Technology Corp 32186 Datasheet HTML 2Page - Renesas Technology Corp 32186 Datasheet HTML 3Page - Renesas Technology Corp 32186 Datasheet HTML 4Page - Renesas Technology Corp 32186 Datasheet HTML 5Page - Renesas Technology Corp 32186 Datasheet HTML 6Page - Renesas Technology Corp 32186 Datasheet HTML 7Page - Renesas Technology Corp 32186 Datasheet HTML 8Page - Renesas Technology Corp 32186 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1032 page
background image
• Guide to Understanding the Register Table
(1) Bit number: Indicates a register’s bit number.
(2) Register border: The registers enclosed with thick border lines must be accessed in halfwords or words.
(3) Status after reset: The initial state of each register after reset is indicated in hexadecimal or binary.
(4) Status after reset: The initial state of each register after reset is indicated bitwise.
0: This bit is “0” after reset.
1: This bit is “1” after reset.
?: This bit is undefined after reset.
(5) The shaded bits mean that they have no functions assigned.
(6) Read conditions:
R: This bit can be accessed for read.
?: The value read from this bit is undefined. (Reading this bit has no effect.)
0: The value read from this bit is always “0.”
1: The value read from this bit is always “1.”
(7) Write conditions:
W: This bit can be accessed for write.
N: This bit is write protected.
0: To write to this bit, always write “0.”
1: To write to this bit, always write “1.”
–: Writing to this bit has no effect. (It does not matter whether this bit is set to “0” or “1” by writing in software.)
Note: Care must be taken when writing to this bit. See Note in each register table.
XXXRegister(XXX)
<Address: H’XXXX XXXX>
b0
123456789
10
11
12
13
14
b15
AAA
BBB
CCC
000
0
0
0
0
0
0
0
0
0
0
0
0
0
<After reset: H’0000>
b
Bit name
Function
R
W
0
AAA
0 : • • • • • • • • • bit
R
W
• • •
• • •
• • •
bit
1 : • • • • • • • • • bit
1
BBB
0 : • • • • • • • • • bit
R
W
• • •
• • •
• • •
bit
1 : • • • • • • • • • bit
2
CCC
0 : • • • • • • • • • bit
R (Note 1)
• • •
• • •
• • •
bit
1 : • • • • • • • • • bit
3–15
No function assigned. Fix to “0.”
0
0
Note 1: Only writing “0” is effective. Writing “1” has no effect, in which case the bit retains the value it had before the write.
• Notation of “L” (signals)
The symbol “#” suffixed to the pin (or signal) names means that the pins (or signals) are “L.”
Before Use
(2)
(4)
(6) (7)
(3)
(1)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com