Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32186 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 20Page - Renesas Technology Corp 32186 Datasheet HTML 21Page - Renesas Technology Corp 32186 Datasheet HTML 22Page - Renesas Technology Corp 32186 Datasheet HTML 23Page - Renesas Technology Corp 32186 Datasheet HTML 24Page - Renesas Technology Corp 32186 Datasheet HTML 25Page - Renesas Technology Corp 32186 Datasheet HTML 26Page - Renesas Technology Corp 32186 Datasheet HTML 27Page - Renesas Technology Corp 32186 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1032 page
background image
1
OVERVIEW
1-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
1.2 Block Diagram
Table 1.2.1 Features of the 32185/32186 (1/3)
Functional Block
Features
M32R-FPU CPU core
• Implementation: Six-stage pipelined instruction processing
• Internal 32-bit structure of the core
• Register configuration
General-purpose registers: 32 bits × 16 registers
Control registers: 32 bits × 6 registers
• Instruction set
16 and 32-bit instruction formats
100 discrete instructions and six addressing modes
• Internal multiplier/accumulator (32 bits × 16 bits + 56 bits)
• Internal single-precision floating-point arithmetic unit (FPU)
Internal Flash memory
• Capacity:
M32185F4: 512 Kbytes
M32186F8: 1 Mbyte
• One wait access
• Durability: Rewritable 100 times
Internal RAM
• Capacity:
M32185F4: 32 Kbytes
M32186F8: 64 Kbytes
• Accessible with zero wait state
• The internal RAM can be accessed for reading or rewriting data from the outside independently of the
M32R-FPU by using the Real-Time Debugger, without ever causing the CPU performance to decrease.
• A part of internal RAM can be backed up by using RAM back up mode when turn off the power supply.
Bus specification
• Fundamental bus cycle :12.5 ns (when f(CPUCLK) = 80 MHz)
• Logical address space
: 4 Gbytes linear
• Internal bus specification : Internal 32-bit data bus (for CPU <-> internal flash memory and
RAM access) (or accessed in 64 bits when accessing the internal
flash memory for instructions)
: Internal 16-bit data bus (for internal peripheral I/O access)
• External extension area : During processor mode: maximum 32 Mbytes
During external extension mode: maximum 31 Mbytes
(7 Mbytes + 8 Mbytes × 3 blocks)
• External data address: 22-bit address
• External data bus: 16-bit data bus
• Shortest external bus access: 1 CLKOUT during read, 1 CLKOUT during write
Multijunction timer (MJT)
• 55-channel multi-functional timer
16-bit output related timer × 11 channels, 16-bit input/output related timer × 10 channels,
16-bit input related timer × 8 channels, 32-bit input related timer × 8 channels,
16-bit input related up/down timer × 2 channels, and 24-bit output related timer × 16 channels
• Flexible timer configuration is possible by interconnecting these timer channels.
• Interrupt request: Counter underflow or overflow and rising or falling or both edges or “H” or “L” level
from the TIN pin (TIN pin can be used as external interrupt inputs irrespective of timer operation.)
• DMA transfer request: Counter underflow or overflow and rising or falling or both edges or “H” or
“L” level from the TIN pin (TIN pin can be used as DMA transfer request inputs irrespective of
timer operation.)
DMAC
• Number of channels: 10
• Transfers between internal peripheral I/O’s or internal RAM’s or between internal peripheral I/O
and internal RAM are supported.
• Capable of advanced DMA transfers when used in combination with internal peripheral I/O
• Transfer request: Software or internal peripheral I/O (A/D converter, MJT, serial interface or CAN)
• DMA channels can be cascaded. (DMA transfer on a channel can be started by completion of a
transfer on another channel.)
• Interrupt request: DMA transfer counter register underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com