Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32186 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 7Page - Renesas Technology Corp 32186 Datasheet HTML 8Page - Renesas Technology Corp 32186 Datasheet HTML 9Page - Renesas Technology Corp 32186 Datasheet HTML 10Page - Renesas Technology Corp 32186 Datasheet HTML 11Page - Renesas Technology Corp 32186 Datasheet HTML 12Page - Renesas Technology Corp 32186 Datasheet HTML 13Page - Renesas Technology Corp 32186 Datasheet HTML 14Page - Renesas Technology Corp 32186 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1032 page
background image
Contents-6
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.10 PWMOFF Input Processing Control Registers ....................................................................... 10-166
10.8.11 PWM Output Disable Control Registers ................................................................................. 10-168
10.8.12 PWM Output Disable Level Control Registers ....................................................................... 10-171
10.8.13 PWMOFF Function Enable Registers .................................................................................... 10-173
10.8.14 Operation in TOU PWM Output Mode (without Correction Function) ..................................... 10-174
10.8.15 Operation in TOU Single-shot PWM Output Mode (without Correction Function) .................. 10-180
10.8.16 Operation in TOU Delayed Single-shot Output Mode (without Correction Function) ............. 10-182
10.8.17 Operation in TOU Single-shot Output Mode (without Correction Function) ............................ 10-184
10.8.18 Operation in TOU Continuous Output Mode (without Correction Function) ........................... 10-186
10.8.19 0% or 100% Duty-Cycle Wave Output during PWM Output and Single-shot PWM Output Modes 10-188
10.8.20 PWM Output Disable Function ............................................................................................... 10-193
10.8.21 Shorting Prevention Function ................................................................................................. 10-198
10.8.22 Example Application for Using 32185/32186 in Motor Control ............................................... 10-202
CHAPTER 11 A/D CONVERTER
11.1 Outline of A/D Converter ................................................................................................................... 11-2
11.1.1 Conversion Modes ................................................................................................................... 11-6
11.1.2 Operation Modes ...................................................................................................................... 11-6
11.1.3 Special Operation Modes ......................................................................................................... 11-9
11.1.4 A/D Converter Interrupt and DMA Transfer Requests ............................................................... 11-12
11.1.5 Sample-and-Hold Function ....................................................................................................... 11-12
11.1.6 Simultaneous Sampling Function ............................................................................................. 11-13
11.2 A/D Converter Related Registers ..................................................................................................... 11-15
11.2.1 A/D Single Mode Register 0 ..................................................................................................... 11-17
11.2.2 A/D Single Mode Register 1 ..................................................................................................... 11-19
11.2.3 A/D Single Mode Register 2 ..................................................................................................... 11-21
11.2.4 A/D Scan Mode Register 0 ....................................................................................................... 11-22
11.2.5 A/D Scan Mode Register 1 ....................................................................................................... 11-24
11.2.6 A/D Conversion Speed Control Register ................................................................................... 11-26
11.2.7 A/D Disconnection Detection Assist Function Control Register ................................................ 11-27
11.2.8 A/D Disconnection Detection Assist Method Select Register ................................................... 11-28
11.2.9 A/D Successive Approximation Register .................................................................................. 11-31
11.2.10 A/D Comparate Data Register ................................................................................................ 11-32
11.2.11 10-bit A/D Data Registers ....................................................................................................... 11-33
11.2.12 8-bit A/D Data Registers ......................................................................................................... 11-34
11.3 Functional Description of A/D Converter ........................................................................................... 11-35
11.3.1 How to Find Analog Input Voltages ........................................................................................... 11-35
11.3.2 A/D Conversion by Successive Approximation Method ............................................................ 11-36
11.3.3 Comparator Operation .............................................................................................................. 11-37
11.3.4 Calculating A/D Conversion Time ............................................................................................. 11-38
11.3.5 Accuracy of A/D Conversion ..................................................................................................... 11-43
11.4 Inflow Current Bypass Circuit ........................................................................................................... 11-45
11.5 Notes on Using A/D Converter ......................................................................................................... 11-47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com