Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32186 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 19Page - Renesas Technology Corp 32186 Datasheet HTML 20Page - Renesas Technology Corp 32186 Datasheet HTML 21Page - Renesas Technology Corp 32186 Datasheet HTML 22Page - Renesas Technology Corp 32186 Datasheet HTML 23Page - Renesas Technology Corp 32186 Datasheet HTML 24Page - Renesas Technology Corp 32186 Datasheet HTML 25Page - Renesas Technology Corp 32186 Datasheet HTML 26Page - Renesas Technology Corp 32186 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1032 page
background image
1
OVERVIEW
1-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
1.2 Block Diagram
1.2 Block Diagram
Figure 1.2.1 shows a block diagram of the 32185/32186. The features of each block are described in Table
1.2.1.
Figure 1.2.1 Block Diagram of the 32185/32186
M32R-FPU Core
(Max. 80MHz)
Non-Break Debug
(NBD)
Direct RAM
Interface
(DRI)
Multiplier/Accumulator
(32 bits x 16 bits + 56 bits)
Single-precision FPU
(fully IEEE 754 compliant)
Internal Flash Memory
(M32185F4: 512 Kbytes)
(M32186F8: 1 Mbyte)
Internal RAM
(M32185F4: 32 Kbytes)
(M32186F8: 64 Kbytes)
PLL Clock Generator
Internal Power Supply
Generator (VDC)
Address
Data
External Bus
Interface
Input/output ports, 97 lines
Real-Time
Debugger
(RTD)
Internal Bus
Interface
DMAC
(10 channels)
Multijunction Timer
(MJT: 55 channels)
A/D Converter
(A/D0 : 10-bit converter, 16 channels)
Serial Interface
(6 channels)
Interrupt Controller
(8 levels)
Wait Controller
Full CAN
(2 channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com