Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 347Page - Renesas Technology Corp SH7052 Datasheet HTML 348Page - Renesas Technology Corp SH7052 Datasheet HTML 349Page - Renesas Technology Corp SH7052 Datasheet HTML 350Page - Renesas Technology Corp SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 919 page
background image
325
Correction Counter Clear Register 10 (TCCLR10): Correction counter clear register 10
(TCCLR10) is a 16-bit readable/writable register.
TCCLR10 is constantly compared with TCNT10F, and when the two values match, TCNT10F
halts. TCNTxx can be cleared at this time by setting TRGxxEN (xx = 1A, 1B, 2A, 2B) in TCR10.
Then, when TCNT10D is H'0000 and TI10 is input, TCNT10F is cleared to H'0001.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCCLR10 is initialized to H'0000 by a power-on reset, and in hardware standby mode and
software standby mode.
Noise Canceler Registers
There are two 8-bit noise canceler registers in channel 10: TCNT10H and NCR10.
Channel
Abbreviation
Function
10
TCNT10H
Noise canceler counter
(Initial value H'00)
NCR10
Noise canceler compare-match register
(Initial value H'FF)
Noise Canceler Counter 10H (TCNT10H): Noise canceler counter 10H (TCNT10H) is an 8-bit
readable/writable register. When the noise canceler function is enabled, TCNT10H starts counting
up on P
φ × 10, with the signal from external input (TI10) (AGCK) as a trigger. The counter
operates even if STR10 is cleared to 0 in the timer start register (TSTR1). TI10 input is masked
while the counter is running. When the count matches the noise canceler register (NCR10) value,
the counter is cleared and TI10 input masking is released.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TCNT10H is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com