Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 350Page - Renesas Technology Corp SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 919 page
background image
328
• Bit 3—Reserved: This bit always reads 0. The write value should always be 0.
• Bits 2 to 0—I/O Control 10G2 to 10G0 (IO10G2 to IO10G0): These bits select the function of
general register 10G (GR10G).
Bit 2:
IO10G2
Bit 1:
IO10G1
Bit 0:
IO10G0
Description
0
0
0
GR is an output
compare register
Compare-match disabled
(Initial value)
1
GR10G = TCNT10G compare-match
1
*
Cannot be used
1
**
Cannot be used
Timer Control Register 10 (TCR10): TCR10 is an 8-bit readable/writable register that selects
the correction counter clear register (TCCLR10) compare-match counter clear source, enables or
disables the noise canceler function, and selects the external input (TI10) edge.
TCR10 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
Bit:
7
6
5
43210
TRG2BEN TRG1BEN TRG2AEN TRG1AEN TRG0DEN
NCE
CKEG1
CKEG0
Initial value:
0
0
0
00000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Trigger 2B Enable (TRG2BEN): Enables or disables counter clearing for channel 2
TCNT2B. If TCNT2B counts while clearing is enabled, TCNT2B will be cleared.
Bit 7: TRG2BEN
Description
0
Channel 2 counter B (TCNT2B) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is disabled (Initial value)
1
Channel 2 counter B (TCNT2B) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com