Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp SH7052 Datasheet HTML 359Page - Renesas Technology Corp SH7052 Datasheet HTML 360Page - Renesas Technology Corp SH7052 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 919 page
background image
331
• Bit 3—Compare-Match Flag 10G (CMF10G): Status flag that indicates GR10G compare-
match.
Bit 3: CMF10G
Description
0
[Clearing condition]
(Initial value)
When CMF10G is read while set to 1, then 0 is written to IMF10G
1
[Setting condition]
When TCNT10G = GR10G
• Bit 2—Compare-Match Flag 10B (CMF10B): Status flag that indicates OCR10B compare-
match.
Bit 2: CMF10B
Description
0
[Clearing condition]
(Initial value)
When CMF10B is read while set to 1, then 0 is written to CMF10B
1
[Setting condition]
When TCNT10B is incremented while TCNT10B = OCR10B
• Bit 1—Input Capture Flag 10A (ICF10A): Status flag that indicates ICR10A input capture.
Bit 1: ICF10A
Description
0
[Clearing condition]
(Initial value)
When ICR10A is read while set to 1, then 0 is written to ICR10A
1
[Setting condition]
When the TCNT10A value is transferred to ICR10A by an input capture signal
• Bit 0—Compare-Match Flag 10A (CMF10A): Status flag that indicates OCR10A compare-
match.
Bit 0: CMF10A
Description
0
[Clearing condition]
(Initial value)
When CMF10A is read while set to 1, then 0 is written to CMF10A
1
[Setting condition]
When TCNT10A = OCR10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com