Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 349Page - Renesas Technology Corp SH7052 Datasheet HTML 350Page - Renesas Technology Corp SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 919 page
background image
327
Timer I/O Control Register 10 (TIOR10): TIOR10 is an 8-bit readable/writable register that
selects the value for multiplication of the external input (TI10) edge interval. It also makes a
setting for using the general register (GR10G) for output compare, and makes the edge detection
setting.
TIOR10 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
Bit:
7
6
5
4
3
2
1
0
RLDEN
CCS
PIM1
PIM0
—
IO10G2
IO10G1 IO10G0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
• Bit 7—Reload Enable (RLDEN): Enables or disables transfer of the input capture register 10A
(ICR10A) value to reload register 10C (RLD10C).
Bit 7: RLDEN
Description
0
Transfer of ICR10A value to RLD10C on input capture is enabled
(Initial value)
1
Transfer of ICR10A value to RLD10C on input capture is disabled
• Bit 6—Counter Clock Select (CCS): Selects the operation of correction counter 10E
(TCNT10E). Set the multiplication factor with bits PIM1 and PIM0.
Bit 6: CCS
Description
0
TCNT10E count is not halted when TCNT10D x multiplication factor =
TCNT10E*
(Initial value)
1
TCNT10E count is halted when TCNT10D x multiplication factor = TCNT10E*
Note: * When [TCNT10D
× multiplication factor] matches the value of TCNT10E with bits 8 to 0
masked.
• Bits 5 and 4—Pulse Interval Multiplier (PIM1, PIM0): These bits select the external input
(TI10) cycle multiplier.
Bit 5: PIM1
Bit 4: PIM0
Description
0
0
Counting on external input cycle
× 32
(Initial value)
1
Counting on external input cycle
× 64
1
0
Counting on external input cycle
× 128
1
Counting on external input cycle
× 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com