Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp SH7052 Datasheet HTML 355Page - Renesas Technology Corp SH7052 Datasheet HTML 356Page - Renesas Technology Corp SH7052 Datasheet HTML 357Page - Renesas Technology Corp SH7052 Datasheet HTML 358Page - Renesas Technology Corp SH7052 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 919 page
background image
329
• Bit 6—Trigger 1B Enable (TRG1BEN): Enables or disables counter clearing for channel 1
TCNT1B. If TCNT1B counts while clearing is enabled, TCNT1B will be cleared.
Bit 6: TRG1BEN
Description
0
Channel 1 counter B (TCNT1B) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is disabled (Initial value)
1
Channel 1 counter B (TCNT1B) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is enabled
• Bit 5—Trigger 2A Enable (TRG2AEN): Enables or disables counter clearing for channel 2
TCNT2A. If TCNT2A counts while clearing is enabled, TCNT2A will be cleared.
Bit 5: TRG2AEN
Description
0
Channel 2 counter 2A (TCNT2A) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is disabled (Initial value)
1
Channel 2 counter 2A (TCNT2A) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is enabled
• Bit 4—Trigger 1A Enable (TRG1AEN): Enables or disables counter clearing for channel 1
TCNT1A. If TCNT1A counts while clearing is enabled, TCNT1A will be cleared.
Bit 4: TRG1AEN
Description
0
Channel 1 counter 1A (TCNT1A) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is disabled (Initial value)
1
Channel 1 counter 1A (TCNT1A) clearing when correction counter clear
register (TCCLR10) = correction counter (TCNT10F) is enabled
• Bit 3—Trigger 0D Enable (TRG0DEN): Enables or disables channel 0 ICR0D input capture
signal requests.
Bit 3: TRG0DEN
Description
0
Capture requests for channel 0 input capture register (ICR0D) on event
counter (TCNT10B) compare-match are disabled
(Initial value)
1
Capture requests for channel 0 input capture register (ICR0D) on event
counter (TCNT10B) compare-match are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com