Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 771 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 771 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 767Page - Renesas Technology Corp SH7052 Datasheet HTML 768Page - Renesas Technology Corp SH7052 Datasheet HTML 769Page - Renesas Technology Corp SH7052 Datasheet HTML 770Page - Renesas Technology Corp SH7052 Datasheet HTML 771Page - Renesas Technology Corp SH7052 Datasheet HTML 772Page - Renesas Technology Corp SH7052 Datasheet HTML 773Page - Renesas Technology Corp SH7052 Datasheet HTML 774Page - Renesas Technology Corp SH7052 Datasheet HTML 775Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 919 page
background image
745
21.4
Register Configuration
The registers used to control the on-chip flash memory when enabled are shown in table 21.3.
Table 21.3
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Flash memory control
register 1
FLMCR1
R/W*
1
H'00*
2
H'FFFFE800
8
Flash memory control
register 2
FLMCR2
R/W*
1
H'00
H'FFFFE801
8
Erase block register 1
EBR1
R/W*
1
H'00*
3
H'FFFFE802
8
Erase block register 2
EBR2
R/W*
1
H'00*
4
H'FFFFE803
8
RAM emulation register
RAMER
R/W
H'0000
H'FFFFEC26
8, 16, 32
Notes: 1. In modes in which the on-chip flash memory is disabled, a read will return H'00, and
writes are invalid. Writes are also disabled when the FWE bit is set to 1 in FLMCR1.
2. When a high level is input to the FWE pin, the initial value is H'80.
3. When a low level is input to the FWE pin, or if a high level is input and the SWE1 bit in
FLMCR1 is not set, these registers are initialized to H'00.
4. Will be initialized to H'00 if a low level is input to pin FWE or if bit SWE2 of FLMCR2 is
not set even though a high level is input.
5. FLMCR1, FLMCR2, EBR1, and EBR2 are 8-bit registers, and RAMER is a 16-bit
register.
6. Only byte accesses are valid for FLMCR1, FLMCR2, EBR1, and EBR2, the access
requiring 3 cycles. Three cycles are required for a byte or word access to RAMER, and
6 cycles for a longword access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com