Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 768Page - Renesas Technology Corp SH7052 Datasheet HTML 769Page - Renesas Technology Corp SH7052 Datasheet HTML 770Page - Renesas Technology Corp SH7052 Datasheet HTML 771Page - Renesas Technology Corp SH7052 Datasheet HTML 772Page - Renesas Technology Corp SH7052 Datasheet HTML 773Page - Renesas Technology Corp SH7052 Datasheet HTML 774Page - Renesas Technology Corp SH7052 Datasheet HTML 775Page - Renesas Technology Corp SH7052 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 919 page
background image
746
21.5
Register Descriptions
21.5.1
Flash Memory Control Register 1 (FLMCR1)
FLMCR1 is an 8-bit register used for flash memory operating mode control. Program-verify mode
or erase-verify mode is entered by setting SWE1 bit to 1 when FWE = 1, then setting the EV1 or
PV1 bit. Program mode is entered by setting SWE1 bit to 1 when FWE = 1, then setting the PSU1
bit, and finally setting the P1 bit. Erase mode is entered by setting SWE1 bit to 1 when FWE = 1,
then setting the ESU1 bit, and finally setting the E1 bit. FLMCR1 is initialized by a power-on
reset, and in hardware standby mode and software standby mode. Its initial value is H'80 when a
high level is input to the FWE pin, and H'00 when a low level is input. When on-chip flash
memory is disabled, a read will return H'00, and writes are invalid.
Writes are enabled only in the following cases: Writes to bit SWE1 of FLMCR1 enabled when
FWE = 1, to bits ESU1, PSU1, EV1, and PV1 when FWE = 1 and SWE1 = 1, to bit E1 when
FWE = 1, SWE1 = 1 and ESU1 = 1, and to bit P1 when FWE = 1, SWE1 = 1, and PSU1 = 1.
Bit:
7
6
5
4
3
2
1
0
FWE
SWE1
ESU1
PSU1
EV1
PV1
E1
P1
Initial value:
1/0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Flash Write Enable Bit (FWE): Sets hardware protection against flash memory
programming/erasing.
Bit 7: FWE
Description
0
When a low level is input to the FWE pin (hardware-protected state)
1
When a high level is input to the FWE pin
• Bit 6—Software Write Enable Bit 1 (SWE1): Enables or disables flash memory programming
and erasing. Set this bit when setting bits 5 to 0, bits 7 to 0 of EBR1, and bits 3 to 0 of EBR2.
Bit 6: SWE1
Description
0
Writes disabled
(Initial value)
1
Writes enabled
[Setting condition]
When FWE = 1
• Bit 5—Erase Setup Bit 1 (ESU1): Prepares for a transition to erase mode. Do not set the
SWE1, PSU1, EV1, PV1, E1, or P1 bit at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com