Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 774 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 774 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 770Page - Renesas Technology Corp SH7052 Datasheet HTML 771Page - Renesas Technology Corp SH7052 Datasheet HTML 772Page - Renesas Technology Corp SH7052 Datasheet HTML 773Page - Renesas Technology Corp SH7052 Datasheet HTML 774Page - Renesas Technology Corp SH7052 Datasheet HTML 775Page - Renesas Technology Corp SH7052 Datasheet HTML 776Page - Renesas Technology Corp SH7052 Datasheet HTML 777Page - Renesas Technology Corp SH7052 Datasheet HTML 778Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 774 / 919 page
background image
748
• Bit 1—Erase 1 (E1): Selects erase mode transition or clearing. Do not set the SWE1, ESU1,
PSU1, EV1, PV1, or P1 bit at the same time.
Bit 1: E1
Description
0
Erase mode cleared
(Initial value)
1
Transition to erase mode
[Setting condition]
When FWE = 1, SWE1 = 1, and ESU1 = 1
• Bit 0—Program 1 (P1): Selects program mode transition or clearing. Do not set the SWE1,
PSU1, ESU1, EV1, PV1, or E1 bit at the same time.
Bit 0: P1
Description
0
Program mode cleared
(Initial value)
1
Transition to program mode
[Setting condition]
When FWE = 1, SWE1 = 1, and PSU1 = 1
21.5.2
Flash Memory Control Register 2 (FLMCR2)
FLMCR2 is a status register that indicates the occurrence of an error during flash memory
programming or erasing. FLMCR2 is initialized to H'00 by a power-on reset and in hardware
standby mode. When on-chip flash memory is disabled, a read will return H'00 and writes are
invalid.
Bit:
7
6
5
4
3
2
1
0
FLER


Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com