Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 771Page - Renesas Technology Corp SH7052 Datasheet HTML 772Page - Renesas Technology Corp SH7052 Datasheet HTML 773Page - Renesas Technology Corp SH7052 Datasheet HTML 774Page - Renesas Technology Corp SH7052 Datasheet HTML 775Page - Renesas Technology Corp SH7052 Datasheet HTML 776Page - Renesas Technology Corp SH7052 Datasheet HTML 777Page - Renesas Technology Corp SH7052 Datasheet HTML 778Page - Renesas Technology Corp SH7052 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 919 page
background image
749
• Bit 7—Flash Memory Error (FLER): Indicates that an error has occurred during an operation
on flash memory (programming or erasing). When FLER is set to 1, flash memory goes to the
error-protection state.
Bit 7: FLER
Description
0
Flash memory is operating normally
(Initial value)
Flash memory program/erase protection (error protection) is disabled
[Clearing condition]
Power-on reset or hardware standby mode
1
An error has occurred during flash memory programming/erasing
Flash memory program/erase protection (error protection) is enabled
[Setting condition]
See 201.8.3 Error Protection
• Bits 6 to 0—Reserved: These bits always read 0. The write value should always be 0.
21.5.3
Erase Block Register 1 (EBR1)
EBR1 is an 8-bit register that specifies the flash memory erase area block by block. EBR1 is
initialized to H'00 by a power-on reset, in hardware standby mode and software standby mode,
when a low level is input to the FWE pin, and when a high level is input to the FWE pin and the
SWE1 bit in FLMCR1 is not set. When a bit in EBR1 is set to 1, the corresponding block can be
erased. Other blocks are erase-protected. Only one of the bits of EBR1 and EBR2 combined can
be set. Do not set more than one bit. (Do not set more than one bit, as this will automatically clear
both EBR1 and EBR2 to 0.) When on-chip flash memory is disabled, a read will return H'00, and
writes are invalid.
The flash memory block configuration is shown in table 21.4.
Bit:
7
6
5
4
3
2
1
0
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
21.5.4
Erase Block Register 2 (EBR2)
EBR2 is an 8-bit register that specifies the flash memory erase area block by block. EBR2 is
initialized to H'00 by a power-on reset, in hardware standby mode and software standby mode,
when a low level is input to the FWE pin. Bits 3 to 0 will be initialized even though a high level is
input to pin FWE. When a bit in EBR2 is set to 1, the corresponding block can be erased. Other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com