Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp SH7708 Datasheet HTML 239Page - Renesas Technology Corp SH7708 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 633 page
background image
218
H'FFFD000 (address Y) + H'08C0 (value X), or H'FFFFD8C0. As a result, H'0230 is written to
the SDMR register. When H'0230 is written to the SDMR register of area 3, random data is
written to the address H'FFFE000 (address Y) + H'08C0 (value X) or H'FFFFE8C0. As a result,
H'0230 is written to the SDMR register. The range for value X is H'000 to H'0FFC.
Address bits
Bit:
31
12
11
10
9
8
Bit name:
SDMR address
Initial value:
· · · · · · · · · · · · ·
R/W:
· · · · · · · · · · · · ·
W*
W*
W
W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
R/W:
W
W
W
W
W
W
Note:
Depending on the type of synchronous DRAM.
10.2.9
Refresh Timer Control/Status Register (RTCSR)
The refresh timer control/status register (RTSCR) is a 16-bit read/write register that specifies the
refresh cycle, whether to generate an interrupt, and the cycle of that interrupt. RTSCR is initialized
to H'0000 by a power-on reset, but is not initialized by a manual reset or in standby mode.
Note:
The method for writing to RTCOR is different from that for general registers to prevent
inadvertent overwriting. Using a word transfer instruction, place B'10100101 in the upper
byte and the write data in the lower byte. For details, see section 10.2.13, Cautions on
Accessing Refresh Control Related Registers.
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
Bit name:
CMF
CMIE
CKS2
CKS1
CKS0
OVF
OVIE
LMTS
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 to 8—Reserved: These bits always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com