Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 633 page
background image
216
Bit 1—Refresh Mode (RMODE): Selects the refresh mode for the DRAM connected to area 2.
Bit 1: RMODE
Description
0
CAS-before-RAS refresh (RFSH must be 1)
(Initial value)
1
Self-refresh (RFSH must be 1)
10.2.7
PCMCIA Control Register (PCR)
The PCMCIA control register (PCR) is a 16-bit read/write register that specifies the
OE and WE
signal assert/negate timing for PCMCIA interfaces connected to areas 5 and 6. The
OE and WE
signal assert pulse widths are designated by the WCR2 wait control bits. This register is initialized
to H'0000 by a power-on reset, but is not initialized by a manual reset or in standby mode, and
retains its contents.
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
Bit name: A5TED1 A5TED0 A6TED1 A6TED0 A5TEH1 A5TEH0 A6TEH1 A6TEH0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 to 8—Reserved: These bits always read 0. The write value should always be 0.
Bits 7 and 6—Area 5 Address
OE/WE Assert Delay (A5TED1, A5TED0): These bits specify the
address to
OE/WE assert delay time for the PCMCIA interface connected to area 5.
Bit 7: A5TED1
Bit 6: A5TED0
Description
0
0
0.5 cycle delay
(Initial value)
1
1.5 cycle delay
1
0
2.5 cycle delay
1
3.5 cycle delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com