Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 228Page - Renesas Technology Corp SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 633 page
background image
214
10.2.6
DRAM Control Register (DCR)
The DRAM area control register (DCR) is a 16-bit read/write register that specifies
RAS and CAS
timing and burst control for DRAM connected to area 2. It also specifies address multiplexing and
controls refreshing. When DRAM is connected to area 2, the bus width is fixed at 16 bits. In such
cases, set the area 3 bus width to 16 bits as well. Other areas should be 8 bits or 16 bits. DCR is
initialized to H'0000 by a power-on reset, but is not initialized by a manual resets or in standby
mode. Do not access external memory outside area 2 until initialization of this register is
complete.
Bit:
15
14
13
12
11
10
9
8
Bit name:
TPC1
TPC0
RCD1
RCD0
TRAS1
TRAS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BE
AMX1
AMX0
RFSH
RMODE
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R/W
R/W
R/W
R
Bits 15 and 14—RAS Precharge Time (TPC1, TPC0): These bits set the RAS precharge time for
the DRAM connected to area 2.
Description
Bit 15: TPC1
Bit 14: TPC0
Normally
Immediately after Self-Refresh
0
0
1 cycle (Initial value)
2 cycles (Initial value)
1
2 cycles
5 cycles
1
0
3 cycles
8 cycles
1
4 cycles
11 cycles
Bits 13 and 12—RAS–CAS Delay (RCD1, RCD0): These bits set the RAS–CAS delay time for
the DRAM connected to area 2.
Bit 13: RCD1
Bit 12: RCD0
Description
0
0
1 cycle
(Initial value)
1
2 cycles
1
0
3 cycles
1
4 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com