Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32170 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 41Page - Renesas Technology Corp 32170 Datasheet HTML 42Page - Renesas Technology Corp 32170 Datasheet HTML 43Page - Renesas Technology Corp 32170 Datasheet HTML 44Page - Renesas Technology Corp 32170 Datasheet HTML 45Page - Renesas Technology Corp 32170 Datasheet HTML 46Page - Renesas Technology Corp 32170 Datasheet HTML 47Page - Renesas Technology Corp 32170 Datasheet HTML 48Page - Renesas Technology Corp 32170 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 881 page
background image
1
1-22
32170/32174 Group User's Manual (Rev. 2.1)
Package: 255F7F (0.8 mm pitch)
Note 1: NC pins (W19, Y1) are not internally connected. Leave them open.
Note 2: Use caution when using P224/A11 and P225/A12 because they have a debug event
function.
Note 3: 255FBGA is currently under development.
Figure 1.4.2 Pin Layout Diagram of the 255FBGA (Top View)
A
B
C
D
E
F
G
H
J
K
L
M
NP
R
T
UV
W
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AD1IN12
AD1IN13
AD1IN14
AD1IN15
AVSS1
P43
/RD
P44
/CS0
P45
/CS1
P46
/A13
P47
/A14
P220
/CTX
P221
/CRX
P222
P223
P224
/A11
P225
/A12
VSS
OSC-
VSS
XIN
XOUT
OSC-
VCC
VSS
VCNT
VSS
P30
/A15
P31
/A16
P32
/A17
P33
/A18
P34
/A19
P35
/A20
TRCLK
TRSYNC
P36
/A21
P37
/A22
P20
/A23
P21
/A24
P23
/A26
P22
/A25
VCCE
VSS
P24
/A27
P25
/A28
P26
/A29
P27
/A30
P00
/DB0
P01
/DB1
P02
/DB2
P03
/DB3
P04
/DB4
P05
/DB5
P06
/DB6
P07
/DB7
VCCE
VSS
P10
/DB8
P11
/DB9
P12
/DB10
P13
/DB11
P14
/DB12
P15
/DB13
P16
/DB14
P17
/DB15
VREF0
AVCC0
AD0IN0
AD0IN1
AD0IN2
AD0IN3 AD0IN4
AD0IN5
AD0IN6
AD0IN7 AD0IN8
AD0IN9
AD0IN10
AD0IN11 AD0IN12
AD0IN13
AD0IN14
AD0IN15 AVSS0
VCCE
VSS
P180
/TO29
P181
/TO30
P182
/TO31
P183
/TO32
P184
/TO33
P185
/TO34
P186
/TO35
P187
/TO36
P190
/TIN26
P191
/TIN27
P192
/TIN28
P193
/TIN29
P194
/TIN30
P196
/TIN32
P195
/TIN31
P197
/TIN33
VCCI
VSS
P160
/TO21
P161
/TO22
P162
/TO23
P163
/TO24
P164
/TO25
P165
/TO26
P166
/TO27
P167
/TO28
P172
/TIN24
P173
/TIN25
P174
/TXD2
P175
/RXD2
P176
/TXD3
P177
/RXD3
VCCE
VSS
P82
/TXD0
P87
/SCLK1
P84
/SCLK0
P85
/TXD1
P86
/RXD1
TRDATA
0
TRDATA
1
TRDATA
2
TRDATA
3
P200
/TXD4
P201
/RXD4
P202
/TXD5
P203
/RXD5
VCCI
VSS
P83
/RXD0
VSS
P61
P62
FVCC
P64
/SBI
P65
/SCLK4
P66
/SCLK5
P63
VCCI
VSS
VCCE
P67
/ADTRG
P71
/WAIT
P72
/HREQ
P73
/HACK
P74/
RTDTXD
P75/
RTDRXD
P76/
RTDACK
P77/
RTDCLK
P93
/TO16
P94
/TO17
P95
/TO18
P96
/TO19
P97
/TO20
RESET
MOD0
MOD1
FP
VCCE
VSS
P110
/TO0
P111
/TO1
P112
/TO2
P113
/TO3
TRDATA
4
TRDATA
5
TRDATA
6
TRDATA
7
P114
/TO4
P115
/TO5
P116
/TO6
P117
/TO7
P100
/TO8
P101
/TO9
P102
/TO10
VDD
VCCI
VSS
P210
/TO37
P211
/TO38
P212
/TO39
P214
/TO41
P215
/TO42
P213
/TO40
P216
/TO43
P217
/TO44
JDBI
JTCK
JEVENT
0
JTRST
JEVENT
1
JTDO
JTDI
P103
/TO11
P104
/TO12
P105
/TO13
P106
/TO14
P107
/TO15
P124
/TCLK0
P125
/TCLK1
P126
/TCLK2
P127
/TCLK3
VCCI
VSS
P130
/TIN16
P131
/TIN17
P132
/TIN18
P133
/TIN19
P134
/TIN20
P135
/TIN21
P136
/TIN22
P137
/TIN23
VCCE
VSS
P140
/TIN8
P141
/TIN9
P142
/TIN10
P143
/TIN11
P144
/TIN12
P145
/TIN13
P146
/TIN14
P147
/TIN15
P150
/TIN0
P151
/TIN1
P152
/TIN2
P153
/TIN3
P154
/TIN4
P155
/TIN5
P156
/TIN6
P157
/TIN7
P41
/BLW
P42
/BHW
VCCI
VSS
VREF1
AVCC1
AD1IN0
AD1IN1
AD1IN2 AD1IN3
AD1IN4
AD1IN5
AD1IN6 AD1IN7
AD1IN8 AD1IN10
AD1IN9 AD1IN11
M32170F3VWG
M32170F4VWG
M32170F6VWG
M32174F4VWG
M32174F3VWG
P70
/BCLK
JTMS
N.C.
N.C.
OVERVIEW
1.4 Pin Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com