Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32170 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 75Page - Renesas Technology Corp 32170 Datasheet HTML 76Page - Renesas Technology Corp 32170 Datasheet HTML 77Page - Renesas Technology Corp 32170 Datasheet HTML 78Page - Renesas Technology Corp 32170 Datasheet HTML 79Page - Renesas Technology Corp 32170 Datasheet HTML 80Page - Renesas Technology Corp 32170 Datasheet HTML 81Page - Renesas Technology Corp 32170 Datasheet HTML 82Page - Renesas Technology Corp 32170 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 881 page
background image
3
3-18
32170/32174 Group User's Manual (Rev. 2.1)
ADDRESS SPACE
3.4 Internal ROM/SFR Area
Figure 3.4.9 Register Mapping of the SFR Area (5)
+0 Address
+1 Address
D0
D7 D8
D15
H’0080 0324
H’0080 0326
TIO2 Reload 1 Register (TIO2RL1)
TIO2 Reload 0/Measure Register (TIO2RL0)
H’0080 0330
H’0080 0332
H’0080 0334
H’0080 0336
TIO3 Counter (TIO3CT)
TIO3 Reload 1 Register (TIO3RL1)
TIO3 Reload 0/Measure Register (TIO3RL0)
H’0080 0340
H’0080 0342
H’0080 0344
Address
TIO4 Counter (TIO4CT)
TIO4 Reload 1 Register (TIO4RL1)
TIO4 Reload 0/Measure Register (TIO4RL0)
TIO4 Control Register (TIO4CR)
TIO5 Control Register (TIO5CR)
TIO5 Counter (TIO5CT)
TIO5 Reload 1 Register (TIO5RL1)
TIO5 Reload 0/Measure Register (TIO5RL0)
H’0080 0346
H’0080 0348
H’0080 034A
H’0080 0350
H’0080 0352
H’0080 0354
H’0080 0356
TIO6 Counter (TIO6CT)
TIO6 Reload 1 Register (TIO6RL1)
TIO6 Reload 0/Measure Register (TIO6RL0)
TIO6 Control Register (TIO6CR)
TIO7 Control Register (TIO7CR)
H’0080 0360
H’0080 0362
H’0080 0364
H’0080 0366
H’0080 0368
H’0080 036A
H’0080 0370
H’0080 0372
H’0080 0374
H’0080 0376
TIO7 Counter (TIO7CT)
TIO7 Reload 1 Register (TIO7RL1)
TIO7 Reload 0/Measure Register (TIO7RL0)
H’0080 0380
H’0080 0382
H’0080 0384
H’0080 0386
H’0080 0388
H’0080 038A
TIO8 Counter (TIO8CT)
TIO8 Reload 1 Register (TIO8RL1)
TIO8 Reload 0/Measure Register (TIO8RL0)
TIO8 Control Register (TIO8CR)
TIO9 Control Register (TIO9CR)
H’0080 0390
H’0080 0392
H’0080 0394
H’0080 0396
TIO9 Counter (TIO9CT)
TIO9 Reload 1 Register (TIO9RL1)
TIO9 Reload 0/Measure Register (TIO9RL0)
TIO0-3 Control Register 1 (TIO03CR1)
TIO2 Counter (TIO2CT)
H’0080 031C
H’0080 0320
H’0080 0322
Blank addresses are reserved areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com