Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32170 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 3Page - Renesas Technology Corp 32170 Datasheet HTML 4Page - Renesas Technology Corp 32170 Datasheet HTML 5Page - Renesas Technology Corp 32170 Datasheet HTML 6Page - Renesas Technology Corp 32170 Datasheet HTML 7Page - Renesas Technology Corp 32170 Datasheet HTML 8Page - Renesas Technology Corp 32170 Datasheet HTML 9Page - Renesas Technology Corp 32170 Datasheet HTML 10Page - Renesas Technology Corp 32170 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 881 page
background image
Rev. Date of
Contents of revision
issue
Pages
Points
Revision History
32170/32174 Group User's Manual
2.1 Jan.16,03
( 3 ⁄ 4 )
P13-2
Contents of protocol description in Table 13.1.1 corrected
Incorrect) CAN Specification 2.0B
Correct) CAN Specification 2.0B active
Precautions added to Table 13.1.1
P13-9
Precautions added to (4) FRST (forcible reset) bit (D11)
P13-14
Precautions added to (11) MSN (message slot number) bits (D12–D15)
P13-17
Precautions added
P13-21
Precautions added to Note 2
P13-35
Precautions added
P13-37
Precautions in Note 2 deleted
P13-44
Precautions added to description of CAN message slot data 0 (COMSLnDT)
P13-59
Section 13.4.2, “CAN Timing,” newly added
P13-81
Figure 13.8.2 corrected
P13-82
Section 13.9, "Precautions about CAN Module," newly added
P18-2
Precautions added to Figure 18.1.1
P19-14
Description of BSDL for the 32170 (Figures 19.5.1 through 19.5.19) deleted
P19-15–
Precautions added to Figures 19.6.1 and 19.7.2
P19-16
P19-17–
Figure 19.7.1, “Processing Pins when Not Using JTAG (for 240QFP),”
P19-18
and Figure 19.7.2, “Processing Pins when Not Using JTAG (for 255QFP),”
newly added
P20-1–
Power turn-on/turn-off sequences during VCCE = 3.3 V added to diagrams
P20-16
in Chapter 20
P21-2
Absolute maximum ratings (-40 to 125oC) corrected
P21-3
Recommended operating conditions corrected
P21-5
Electrical characteristics in (1) f = (XIN) = 10 MHz corrected
P21-7
Electrical characteristics in (3) f = (XIN) = 8 MHz corrected
P21-9
Standard sample’s ICCI-3V temperature characteristics (when operating:
f = 8 MHz, 10 MHz) and standard sample’s ICCI-3V temperature
characteristics (when reset: f = 8 MHz, 10 MHz) newly added
P21-11
A-D conversion characteristics (referenced to AVCC = VREF = VCCE = 5.12 V,
Ta = -40 to 85oC, f(XIN) = 10.0 MHz unless otherwise noted) and
A-D conversion characteristics (referenced to AVCC = VREF = VCCE = 5.12 V,
Ta = -40 to 125oC, f(XIN) = 8.0 MHz unless otherwise noted) corrected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com