Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1220 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA1220
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA1220 Datasheet HTML 3Page - STMicroelectronics TDA1220 Datasheet HTML 4Page - STMicroelectronics TDA1220 Datasheet HTML 5Page - STMicroelectronics TDA1220 Datasheet HTML 6Page - STMicroelectronics TDA1220 Datasheet HTML 7Page - STMicroelectronics TDA1220 Datasheet HTML 8Page - STMicroelectronics TDA1220 Datasheet HTML 9Page - STMicroelectronics TDA1220 Datasheet HTML 10Page - STMicroelectronics TDA1220 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
APPLICATION INFORMATION (continued)
FM Section
IF Amplifier and limiter
The 10.7 MHz IF signal from the ceramic filter is amplified and limited by a chain of four differential stages.
Pin 16 is the amplifier input and has a typical input impedance of 6.5 KW in parallel with 14 pF at 10.7 MHz.
Bias for the first stage is available at pin 14 and provides 100% DC feedback for stable operating conditions.
Pin 15 is the second input to the amplifier and is decoupled to pin 14, which is grounded by a 20 nF capacitor.
An RLC network is connected to the amplifier output and gives a 90
° phase shift (at the IF centre frequency)
between pins 13 and 12. The signal level at pin 13 is about 150 mV rms
FM Detector
The circuit uses a quadrature detector and the choise of component values is determined by the acceptable
level of distortion at a given recovered audio level.
With a double tuned network the linearity improves (distortion is reduced) and the phase shift can be
optimized; however this leads to a reduction in the level of the recovered audio. A satisfactory compromise
for most FM receiver applications is shown in the test circuit.
Care shoul be taken with the physical layout.
The main recommandations are:
• Locate the phase shift coil as near as possible to pin 13.
• Shunt pins 14 and 16 with a low value resistor (between 56Ω and 330Ω).
• Ground the decoupling capacitor of pin 14 and the 10.7 MHz input filter at the same point.
AM-FM Switching
AM-FM switching is achieved by applying a DC voltage at pin 13, to switch the internal reference.
Typical DC voltages (refer to the test circuit)
Pins
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Unit
AM
9
1.4
9
1.4
1.4
8.4
9
0.7
1.9
9
0
0.1
0.1
8.5
8.5
8.5
V
FM
9
0.02
9
0.02
0.02
8.5
9
0
1.7
90998
88
V
7/18
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com