Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1220 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA1220
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA1220 Datasheet HTML 7Page - STMicroelectronics TDA1220 Datasheet HTML 8Page - STMicroelectronics TDA1220 Datasheet HTML 9Page - STMicroelectronics TDA1220 Datasheet HTML 10Page - STMicroelectronics TDA1220 Datasheet HTML 11Page - STMicroelectronics TDA1220 Datasheet HTML 12Page - STMicroelectronics TDA1220 Datasheet HTML 13Page - STMicroelectronics TDA1220 Datasheet HTML 14Page - STMicroelectronics TDA1220 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
APPLICATION INFORMATION (continued)
F1 - 10.7 MHz IF Coil
Co
(pF)
f
(MHz)
Qo
TURNS
–
1-3
1-2
2-3
4-6
–
10.7
110
6
8
2
F3 and F5 - 455 KHz IF Coil
Co
(pF)
f
(KHz)
Qo
TURNS
1.3
1-3
1-2
2-3
4-6
180
455
70
57
116
24
F4 - FM Detector Coil
Co
(pF)
f
(KHz)
Qo
TURNS
1.3
1-3
1-3
–
–
82
10.7
100
12
–
–
F6 - AM Oscillator Coil
f
(kHz)
L
(
µH)
1-3
Qo
TURNS
1-3
1-2
2-3
4-6
796
220
80
2
75
8
L5 - Antenna Coil
f
(KHz)
L
(
µH)
Qo
TURNS
1-2
1-2
1-2
3-4
796
105
7
TOKO - FM1 - 10x10 mm.
154 AN - 7A5965R
TOKO - AM3 - 10x10 mm.
RLC - 4A7525N
TOKO - 10x10 mm.
KACS - K586 HM
TOKO - 10x10 mm.
RWO + 6A6574N
WIRE: LITZ - 15x0.05 mm.
CORE: 10x80 mm.
11/18
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com