Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1220 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA1220
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA1220 Datasheet HTML 8Page - STMicroelectronics TDA1220 Datasheet HTML 9Page - STMicroelectronics TDA1220 Datasheet HTML 10Page - STMicroelectronics TDA1220 Datasheet HTML 11Page - STMicroelectronics TDA1220 Datasheet HTML 12Page - STMicroelectronics TDA1220 Datasheet HTML 13Page - STMicroelectronics TDA1220 Datasheet HTML 14Page - STMicroelectronics TDA1220 Datasheet HTML 15Page - STMicroelectronics TDA1220 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12/18
APPLICATION INFORMATION (continued)
Typical performance of the radio receiver of fig. 12 (Vs = 9V)
Parameter
Test Conditions
Value
WAVEBANDS
FM
87.5 to 108 MHz
AM
510 to 1620 KHz
SENSITIVITY
FM
S/N = 26dB
∆f = 22.5KHz
1
µV
AM
S/N = 6dB
m = 0.3
1
µV
AM
S/N = 26dB
m = 0.3
10
µV
DISTORTION
(fm = 1KHz)
FM
Po = 0.5W
∆f = 22.5KHz
0.25%
∆f = 75KHz
0,7%
AM
Vi = 100
µV
m = 0.3
0.4%
m = 0,8
0,8%
SIGNAL TO NOISE
(fm = 1KHz)
FM
Po = 0.5W
∆f = 22.5KHz
64 dB
Vi = 100
µV
AM
Po = 0.5W
m = 0.3
50 dB
Vi = 1 mV
AMPLITUDE
MODULATION
REJECTION
FM
Vi = 100
µV
∆f = 22.5KHz
m = 0.3
50 dB
TWEET
2nd H.
f = 911 KHz
0.3%
3rd H.
f = 1370 KHz
0.07%
QUIESCENT CURRENT
20 mA
SUPPLY VOLTAGE RANGE
3 to 12V
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com