Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1220 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1220
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1220 Datasheet HTML 1Page - STMicroelectronics TDA1220 Datasheet HTML 2Page - STMicroelectronics TDA1220 Datasheet HTML 3Page - STMicroelectronics TDA1220 Datasheet HTML 4Page - STMicroelectronics TDA1220 Datasheet HTML 5Page - STMicroelectronics TDA1220 Datasheet HTML 6Page - STMicroelectronics TDA1220 Datasheet HTML 7Page - STMicroelectronics TDA1220 Datasheet HTML 8Page - STMicroelectronics TDA1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
3
16
V
Id
Drain current
FM
10
15
mA
AM
14
20
mA
AM SECTION (fo = 1 MHz; fm = KHz)
Vi
Input sensitivity
S/N = 26 dB
m = 0.3
12
25
µV
S/N
Vi = 10 mV
m = 0.3
45
52
dB
Vi
AGC range
∆Vout = 10 dB
m = 0.8
94
100
dB
Vo
Recovered audio signal
(pin 9)
Vi = 1 mV
m = 0.3
80
130
200
mV
d
Distortion
Vi = 1 mV
m = 0.3
0.4
1
%
m = 0.8
1.2
%
VH
Max input signal handling
capability
m = 0.8
d < 10%
1
V
Ri
Input resistance between
pins 2 and 4
m = 0
7.5
K
Ω
Ci
Input capacitance between
pins 2 and 4
m = 0
18
pF
Ro
Output resistance (pin 9)
4.5
7
9.5
K
Ω
Tweet 2 IF
m = 0.3
Vi = 1 mV
40
dB
Tweet 3 IF
55
dB
FM SECTION (fo = 10.8 MHz; fm = 1 KHz)
Vi
Input limiting voltage
-3 dB limiting point
22
36
µV
AMR
Amplitude modulation
rejection
∆f = ±22.5 KHz
Vi = 3 mV
m = 0.3
40
50
dB
S/N
Ultimate quieting
∆f = ±22.5 KHz
Vi = 1 mV
55
65
dB
d
Distortion
∆f = ±75 KHz
Vi = 1 mV
0.7
1.5
%
d
Distortion
∆f = ±22.5 KHz
Vi = 1 mV
0.25
0.5
%
d
Distortion (double tuned)
0.1
%
Vo
Recovered audio signal
(pin 9)
∆f = ±22.5 KHz
Vi = 1 mV
80
110
140
mV
Ri
Input resistance between
pin 16 and ground
6.5
K
Ω
Ci
Input capacitance between
pin 16 and ground
14
pF
Ro
Output resistance (pin 9)
4.5
7
9.5
K
Ω
ELECTRICAL CHARACTERISTICS ( Tamb = 25
°C, Vs = 9V unless otherwise specified, refer to test circuit)
3/18
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com