Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV270N4F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV270N4F3
Description  N-channel 40 V, 1.25 mΩ, 270 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV270N4F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV270N4F3 Datasheet HTML 2Page - STMicroelectronics STV270N4F3 Datasheet HTML 3Page - STMicroelectronics STV270N4F3 Datasheet HTML 4Page - STMicroelectronics STV270N4F3 Datasheet HTML 5Page - STMicroelectronics STV270N4F3 Datasheet HTML 6Page - STMicroelectronics STV270N4F3 Datasheet HTML 7Page - STMicroelectronics STV270N4F3 Datasheet HTML 8Page - STMicroelectronics STV270N4F3 Datasheet HTML 9Page - STMicroelectronics STV270N4F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STV270N4F3
6/12
2.1
Electrical characteristics
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Static drain-source on resistance
Figure 7.
Normalized BVDSS vs temperature
ID
10
10
VDS(V)
(A)
10
10
10
10
10
10
-1
0
1
-1
0
1
2
3
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
Operation
in this
ar
ea is
limit
ed
by
M
ax Rds(on)
AM01500v1
4V
5V
VGS=10V
0
4
VDS(V)
2
0
50
100
150
200
6
ID(A)
250
300
350
400
450
AM01502v1
0
4
VGS(V)
2
0
50
100
150
200
8
ID(A)
250
300
350
400
450
6
VDS=5V
TC=25°C
AM01503v1
RDS(on)
0
40
ID(A)
(m
Ω)
20
1.00
1.10
1.20
1.30
1.40
60
80
AM01501v1
VGS ≥10V
TC=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com