Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV270N4F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV270N4F3
Description  N-channel 40 V, 1.25 mΩ, 270 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV270N4F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STV270N4F3 Datasheet HTML 1Page - STMicroelectronics STV270N4F3 Datasheet HTML 2Page - STMicroelectronics STV270N4F3 Datasheet HTML 3Page - STMicroelectronics STV270N4F3 Datasheet HTML 4Page - STMicroelectronics STV270N4F3 Datasheet HTML 5Page - STMicroelectronics STV270N4F3 Datasheet HTML 6Page - STMicroelectronics STV270N4F3 Datasheet HTML 7Page - STMicroelectronics STV270N4F3 Datasheet HTML 8Page - STMicroelectronics STV270N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STV270N4F3
Electrical characteristics
5/12
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 80 A
RG= 4.7 Ω, VGS= 10 V
(see Figure 13)
25
180
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 20 V, ID = 80 A
RG= 4.7 Ω, VGS= 10 V,
(see Figure 13)
110
45
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISD
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
270
1080
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 80 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 160 A,di/dt = 100 A/µs
VDD = 32 V, Tj = 150 °C
(see Figure 15)
70
225
3.2
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com