Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 3Page - STMicroelectronics TDA7421 Datasheet HTML 4Page - STMicroelectronics TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics TDA7421 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
FM IF Amplifier 1
Ref: FM Test Circuit, measure input at VFMAMP1IN, output at VFMAMP1OUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RIN,AMP1
Input Resistance
f = 10.7MHz
330
ROUT,AMP1
Output Resistance
f = 10.7MHz
330
GTYP,AMP1
Typical Gain
fIN = 10.7MHz, FBH3-0 set to
0100
16.5
17.5
18.5
dB
GMIN,AMP1
Minimum Gain
fIN = 10.7MHz, FBH3-0 set to
0001
14.5
15.5
16.5
dB
GMAX,AMP1
Maximum Gain
fIN = 10.7MHz, FBH3-0 set to
0000
18.5
19.5
20.5
dB
IP3AMP1
3rd Order Intermodulation
Distortion Intercept Point
fd = 10.7MHz; fu1= 10.8MHz; fu2=
10.9MHz, FBH3-0 set to 0100
109
dBu
CP1AMP1
1dB Compression Point
fIN = 10.7MHz; FBH3-0 set to
0100
96
dBu
FM IF Amplifier 2
Ref: FM Test Circuit, measure input at VFMAMP2IN, output at VFMAMP2OUT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RIN,AMP2
Input Resistance
f = 10.7MHz
330
ROUT,AMP2
Output Resistance
f = 10.7MHz
330
GTYP,AMP2
Typical Gain
fIN = 10.7MHz, FBL3-0 set to 0100
5
6
7
dB
GMIN,AMP2
Minimum Gain
fIN = 10.7MHz, FBL3-0 set to 0001
3
4
5
dB
GMAX,AMP2
Maximum Gain
fIN = 10.7MHz, FBL3-0 set to 0000
7
8
9
dB
IP3AMP2
3rd Order Intermodulation
Distortion Intercept Point
fd = 10.7MHz; fu1= 10.8MHz; fu2=
10.9MHz, FBL3-0 set to 0100
122
dBu
CP1AMP2
1dB Compression Point
fIN = 10.7MHz; FBL3-0 set to 0100
110
dBu
FM Limiter, Field Strengh Meter and Demodulator
Ref: FM Test circuit, measure:
- Input at VFMLIMIN, fIN = 10.7MHz
- filtered FS Meter output at VSM,FILT
- shifted FS Meter output at VSM,SHIFT (FMADJ set to 0)
- demodulator adjustment output at VSM,SHIFT (FMADJ set to 1)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RIN,LIM
Limiter Input Resistance
330
GLIM
Limiter Gain
90
dB
LS
Limiting Sensitivity
23
dBu
SM1
Smeter 1 at VSM,FILT
VFMLIMIN = 42dBu
0.1
(1)
0.25
0.5
(1)
V
SM2
Smeter 2 at VSM,FILT
VFMLIMIN = 77dBu
2.4
(1)
2.75
3.1
(1)
V
SM3
Smeter 3 at VSM,FILT
VFMLIMIN = 102dBu
4.0
(1)
4.35
4.7
(1)
V
SMMINSHIFT
Smeter Minimum Shift Voltage at
VSM,SHIFT referred to VSM,FILT
VFMLIMIN = 70dBu, FSL4-0 set to
00000
0.25
0.3
0.35
V
SMMAXSHIFT
Smeter Maximum Shift Voltage
at VSM,SHIFT referred to VSM,FILT
VFMLIMIN = 70dBu, FSL4-0 set to
11111
1.55
1.8
2.05
V
GDEM
Demodulator Conversion Gain
VFMLIMIN > LS
2
mVRMS/
KHz
GDEMADJ
Demodulator Adjustment
Conversion Gain
VFMLIMIN > LS, measured at
VSMSHIFT, FMADJ set to 1
14
mVRMS/
KHz
NOTE1: Refer to Global application circuit; input at first Ceramic Filter in, FBH3-0 set to 0001, FBL3-0 set to 0001
TDA7421
7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com