Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics TDA7421 Datasheet HTML 10Page - STMicroelectronics TDA7421 Datasheet HTML 11Page - STMicroelectronics TDA7421 Datasheet HTML 12Page - STMicroelectronics TDA7421 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Detuning Detector
Ref: FM Test Circuit, measure:
- Inputs at VFMLIMIN, CW
- output at VMUTE,DRIVE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DDSTART
Detuning Detector Starting Point
frequency shift from 10.7MHz at
which VMUTE,DRIVE = VPLAY
±23
KHz
DDSLOPE,MIN
Detuning Detector Minimum
Muting Slope
frequency shift from 10.7MHz +
DDSTART, at which VMUTE,DRIVE =
VMUTE, BWM2-0 set to 100,
FMRECSEEK set to 0
22.5
30
37.5
KHz
DDSLOPE,MAX
Detuning Detector Maximum
Muting Slope
frequency shift from 10.7MHz +
DDSTART, at which VMUTE,DRIVE =
VMUTE, BWM2-0 set to 001,
FMRECSEEK set to 0
7.5
10
12.5
KHz
DDTRC
Detuning Detector Time Constant
Ratio
ratio of "reception" mode
integration time constant inside the
Detuning Detector with respect to
"seek" mode
34/6
s/s
Adjacent Channel Detector
Ref: FM Test Circuit, measure:
- Inputs at VFMLIMIN: desired 10.7MHz, 95dBu CW; undesired 10.8MHz CW
- output at VMUTE,DRIVE
- BWM2-0 set to 001
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ACDMAX
Adjacent Channel Quality Detector
Maximum Sensitivity Threshold
amplitude of undesired signal at
which VMUTE,DRIVE = VMUTE,
HDM4-0 set to 11111
91
dBu
ACDMIN
Adjacent Channel Quality Detector
Minimum Sensitivity Threshold
amplitude of undesired signal at
which VMUTE,DRIVE = VMUTE,
HDM4-0 set to 00000
94.8
dBu
Field Strength Station Detector
Ref: FM Test Circuit, measure:
- Inputs at VFMLIMIN: desired 10.7MHz, CW
- output at VFMSD
- FMRECSEEK set to 1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FSSDMIN
Field Strength Station Detector
Minimum Threshold
VFMLIMIN level at which
VFMSD = 2.5, FSM4-0 set to 00000
24
dBu
FSSDMAX
Field Strength Station Detector
Maximum Threshold
VFMLIMIN level at which
VFMSD = 2.5, FSM4-0 set to 11111
76
dBu
Detuning Station Detector
Ref: FM Test Circuit, measure:
- Input at VFMLIMIN, CW;
- output at VFMSD
- FMRECSEEK set to 1
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DSD
Detuning Station Detector
Threshold
frequency shift from 10.7MHz at
which VFMSD = 2.5V
23
KHz
TDA7421
9/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com