Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 29Page - STMicroelectronics TDA7421 Datasheet HTML 30Page - STMicroelectronics TDA7421 Datasheet HTML 31Page - STMicroelectronics TDA7421 Datasheet HTML 32Page - STMicroelectronics TDA7421 Datasheet HTML 33Page - STMicroelectronics TDA7421 Datasheet HTML 34Page - STMicroelectronics TDA7421 Datasheet HTML 35Page - STMicroelectronics TDA7421 Datasheet HTML 36Page - STMicroelectronics TDA7421 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
From Cx - see schematic (part D)
From LPOUT - pin 17
RFVcc
OSCVcc
30 dB differential gain
6p
10n
6p
3p
MIX_IN
50
1K
T1
10n
FM IN
SP
0
22p
100K
0
0
1K5
4.7n
100n
0
0
4.7n
TP20
5K6
1M
1K5
15p
15p
10.25MHz
10n
10u
+
10n
3.3p
L2
100K
100K
470
68p
15p
1K8
22u
+
5p
AM MIX1 IN-
1
AM MIX1 IN+
2
FM MIX IN-
3
FM MIX IN+
4
FM RF AGC IN
5
FM AGC OUT
6
RF GND
7
VCO B
8
VCO E
9
OSC GND
10
XTAL D
11
XTAL
12
OSC VCC
13
FM ANT ADJ
14
FM RF ADJ
15
PLL VCC
16
1K5
47n
TP21
Evaluation Board Schematic Circuit (part A)
From Rx
I2CBUS
+5V
33K
2.7n
4K3
33n
1n
18K
4.7n
1
2
3
4
5
22n
22n
10u
TP18
3.3n
+
TP22
2.2u
+
AM ST
TP19
Evaluation Board Schematic Circuit (part B)
TDA7421
33/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com