Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7421 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7421 Datasheet HTML 30Page - STMicroelectronics TDA7421 Datasheet HTML 31Page - STMicroelectronics TDA7421 Datasheet HTML 32Page - STMicroelectronics TDA7421 Datasheet HTML 33Page - STMicroelectronics TDA7421 Datasheet HTML 34Page - STMicroelectronics TDA7421 Datasheet HTML 35Page - STMicroelectronics TDA7421 Datasheet HTML 36Page - STMicroelectronics TDA7421 Datasheet HTML 37Page - STMicroelectronics TDA7421 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
IF1Vcc & IF2 Vcc
Gnd
+Vs
Supply Voltage (12V)
Ground path
PLLVcc
RFVcc
OSCVcc
+5V
10u + 100n
L4916
6 7 8
OUT 8.5V
4
F.C.
2
N.C.
3
220n
100u
+
MR1
47u
+
220n
100n
10
10
10
10
JP1
L78L05A
220n
5
Evaluation Board Schematic Circuit (part E)
Notes:
- The components shown on the evaluation board schematic without the part value, are required only
for measurements between intermediate input/outputs:
- Parts description:
CF1
Ceramic filter 10.7MHz, 180KHz BW
CF3-CF4
Ceramic filter 10.7MHz, 150KHz BW
CF2
Ceramic filter 450KHz, 6KHz BW
T1
FM RF transformer
Unloaded Q= 103
3-1= 3 1/2T - 6-4= 1T 0.12
φ2UEW
CTUNING(3-1)= 24pF @ 100MHz
T2
AM/FM IF1 transformer
Unloaded Q= 70
1-3= 13T - 1-5= 6 1/2T - 5-3= 6 1/2T - 4-6= 2T 0.08
φ2UEW
CINT(1-2) = CINT(2-3) = 82pF; CEXT(1-3) = 10pF
T3
AM IF2 transformer
Unloaded Q= 40
1-3= 178T - 1-2= 89T - 2-3= 89T - 4-6= 33T 0.05
φ2UEW
CINT(1-3) = 180pF; CEXT(1-3) = 20pF
L2
Oscillator coil
Unloaded Q= 80
6-4= 2 1/2T 0.12
φ2UEW
CTUNING(6-4)= 36.8pF @ 100MHz
L6
Demodulator Coil
Unloaded Q= 35
6-4= 27T 0.1
φ2UEW
CINT(4-6)= 47pF; CEXT(4-6) = 13.5pF
TDA7421
35/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com