Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3433CDV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3433CDV
Description  P-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3433CDV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3433CDV Datasheet HTML 1Page - Vishay Siliconix SI3433CDV Datasheet HTML 2Page - Vishay Siliconix SI3433CDV Datasheet HTML 3Page - Vishay Siliconix SI3433CDV Datasheet HTML 4Page - Vishay Siliconix SI3433CDV Datasheet HTML 5Page - Vishay Siliconix SI3433CDV Datasheet HTML 6Page - Vishay Siliconix SI3433CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3433CDV
Document Number: 68803
S-81950-Rev. A, 25-Aug-08
www.vishay.com
1
New Product
P-Channel 20-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
APPLICATIONS
•
Load Switch
•
Notebook
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 20
0.038 at VGS = - 4.5 V
- 6
18 nC
0.046 at VGS = - 2.5 V
- 6
0.060 at VGS = - 1.8 V
- 6
(4) S
(3) G
(1, 2, 5, 6) D
TSOP-6
Top View
6
4
1
2
3
5
Ordering Information: Si3433CDV-T1-E3 (Lead (Pb)-free)
P-Channel MOSFET
3 mm
2.85 mm
Marking Code
AX
XXX
Lot Traceability
and Date Code
Part # Code
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8.0
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 6.0a
A
TC = 70 °C
- 6.0a
TA = 25 °C
- 5.2b, c
TA = 70 °C
- 4.2b, c
Pulsed Drain Current
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.7
TA = 25 °C
- 1.3b, c
Maximum Power Dissipation
TC = 25 °C
PD
3.3
W
TC = 70 °C
2.1
TA = 25 °C
1.6b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
38
RoHS
COMPLIANT


Similar Part No. - SI3433CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3433CDV-T1-E3 VISHAY-SI3433CDV-T1-E3 Datasheet
255Kb / 11P
P-Channel 20 V (D-S) MOSFET
09-Mar-09
SI3433CDV-T1-GE3 VISHAY-SI3433CDV-T1-GE3 Datasheet
212Kb / 11P
P-Channel 20-V (D-S) MOSFET
09-Mar-09
SI3433CDV-T1-GE3 VISHAY-SI3433CDV-T1-GE3 Datasheet
255Kb / 11P
P-Channel 20 V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
SI3433CDV-T1-GE3 VBSEMI-SI3433CDV-T1-GE3 Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3433CDV VISHAY-SI3433CDV_V01 Datasheet
255Kb / 11P
P-Channel 20 V (D-S) MOSFET
09-Mar-09
More results

Similar Description - SI3433CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com