Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3433CDV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3433CDV
Description  P-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3433CDV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3433CDV Datasheet HTML 1Page - Vishay Siliconix SI3433CDV Datasheet HTML 2Page - Vishay Siliconix SI3433CDV Datasheet HTML 3Page - Vishay Siliconix SI3433CDV Datasheet HTML 4Page - Vishay Siliconix SI3433CDV Datasheet HTML 5Page - Vishay Siliconix SI3433CDV Datasheet HTML 6Page - Vishay Siliconix SI3433CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 68803
S-81950-Rev. A, 25-Aug-08
Vishay Siliconix
Si3433CDV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TJ = 25 °C
TJ = 125 °C
ID = - 5.2 A
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
10
1000
0.1
0.01
0.001
100
1
Time (s)
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
Limited byRDS(on)*
BVDSS Limited
1ms
100 µs
10 ms
DC
100 ms
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1 s, 10 s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com