Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3433CDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3433CDV
Description  P-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3433CDV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3433CDV Datasheet HTML 1Page - Vishay Siliconix SI3433CDV Datasheet HTML 2Page - Vishay Siliconix SI3433CDV Datasheet HTML 3Page - Vishay Siliconix SI3433CDV Datasheet HTML 4Page - Vishay Siliconix SI3433CDV Datasheet HTML 5Page - Vishay Siliconix SI3433CDV Datasheet HTML 6Page - Vishay Siliconix SI3433CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68803
S-81950-Rev. A, 25-Aug-08
Vishay Siliconix
Si3433CDV
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 18
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.4
- 1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 5.2 A
0.031
0.038
Ω
VGS = - 2.5 V, ID = - 4.8 A
0.037
0.046
VGS = - 1.8 V, ID = - 2 A
0.046
0.060
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 5.2 A
20
S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
1300
pF
Output Capacitance
Coss
210
Reverse Transfer Capacitance
Crss
180
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 8 V, ID = - 5.2 A
30
45
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 5.2 A
18
27
Gate-Source Charge
Qgs
2.1
Gate-Drain Charge
Qgd
4.8
Gate Resistance
Rg
f = 1 MHz
6
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 2.4 Ω
ID ≅ - 4.2 A, VGEN = - 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
22
35
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
20
30
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 2.4 Ω
ID ≅ - 4.2 A, VGEN = - 8 V, Rg = 1 Ω
10
15
Rise Time
tr
12
25
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
15
25
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.7
A
Pulse Diode Forward Currenta
ISM
- 20
Body Diode Voltage
VSD
IS = - 4.2 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 4.2 A, dI/dt = 100 A/µs, TJ = 25 °C
45
70
ns
Body Diode Reverse Recovery Charge
Qrr
40
60
nC
Reverse Recovery Fall Time
ta
23
ns
Reverse Recovery Rise Time
tb
22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com