Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 3Page - STMicroelectronics TDA7562 Datasheet HTML 4Page - STMicroelectronics TDA7562 Datasheet HTML 5Page - STMicroelectronics TDA7562 Datasheet HTML 6Page - STMicroelectronics TDA7562 Datasheet HTML 7Page - STMicroelectronics TDA7562 Datasheet HTML 8Page - STMicroelectronics TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics TDA7562 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
TDA7562
Figure 8. Distortion vs. Frequency (2
Ω)
Figure 9. Crosstalk vs. Frequency
Figure 10. Supply Voltage Rejection vs. Freq.
Figure 11. Power Dissipation & Efficiency vs.
Output Power (4
Ω, STD, SINE)
Figure 12. Power Dissipation vs. Average
Ouput Power (Audio Program
Simulation, 4
Ω)
Figure 13. Power Dissipation vs. Average
Ouput Power (Audio Program
Simulation, 2
Ω)
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 2 Ohm
Po = 8 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
Rg = 600 Ohm
Vripple= 1 Vpk
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
Vs = 14.4 V
RL = 4 x 4 Ohm
f = 1 KHz SINE
n
Ptot
01
2
34
5
Po (W)
5
10
15
20
25
30
35
40
45
Ptot (W)
Vs = 14 V
RL = 4 x 4 Ohm
GAUSSIAN NOISE
CLIP
START
012
345
67
8
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
Vs = 14 V
RL = 4 x 2 Ohm
GAUSSIAN NOISE
CLIP
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com