Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 6Page - STMicroelectronics TDA7562 Datasheet HTML 7Page - STMicroelectronics TDA7562 Datasheet HTML 8Page - STMicroelectronics TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics TDA7562 Datasheet HTML 11Page - STMicroelectronics TDA7562 Datasheet HTML 12Page - STMicroelectronics TDA7562 Datasheet HTML 13Page - STMicroelectronics TDA7562 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TDA7562
10/17
with the 4 ohm speaker unconnected is considered as double fault.
S. GND (so) / S. GND (sk) in the above table make a distinction according to which of the 2 outputs is shorted
to ground (test-current source side= so, test-current sink side = sk). More precisely, so = CH+, sk = CH-.
FAULTS AVAILABILITY
All the results coming from I2Cbus, by read operations, are the consequence of measurements inside a defined
period of time. If the fault is stable throughout the whole period, it will be sent out.
To guarantee always resident functions, every kind of diagnostic cycles will be reactivate after any I2C reading
operation. So, when the micro reads the I2C, a new cycle will be able to start, but the read data will come from
the previous diag. cycle (i.e. The device is in turned On, with a short to Gnd, then the short is removed and micro
reads I2C. The short to Gnd is still present in bytes, because it is the result of the previous cycle. If another I2C
reading operation occurs, the bytes do not show the short). In general to observe a change in Diagnostic bytes,
two I2C reading operations are necessary.
I2C PROGRAMMING/READING SEQUENCES
A correct turn on/off sequence respectful of the diagnostic timings and producing no audible noises could be as
follows (after battery connection):
TURN-ON: PIN2 > 7V --- 10ms --- (STAND-BY OUT + DIAG ENABLE) --- 500 ms (min) --- MUTING OUT
TURN-OFF: MUTING IN --- 20 ms --- (DIAG DISABLE + STAND-BY IN) --- 10ms --- PIN2 = 0
Car Radio Installation: PIN2 > 7V --- 10ms DIAG ENABLE (write) --- 200 ms --- I2C read (repeat until All faults
disappear).
OFFSET TEST: Device in Play (no signal) -- OFFSET ENABLE - 30ms - I2C reading (repeat I2C reading until
high-offset message disappears).
FAST MUTING
The muting time can be shortened to less than 1ms by setting (IB2) D5 = 1. This option can be useful in transient
battery situations (i.e. during car engine cranking) to quickly turnoff the amplifier for avoiding any audible effects
caused by noise/transients being injected by preamp stages.
Double fault table for Turn On Diagnostic
S. GND (so)
S. GND (sk)
S. Vs
S. Across L.
S. GND (so)
S. GND
S. GND
S. Vs + S. GND
S. GND
S. GND (sk)
/
S. GND
S. Vs
S. GND
S. Vs
/
/
S. Vs
S. Vs
S. Across L.
/
/
/
S. Across L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com