Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 5Page - STMicroelectronics TDA7562 Datasheet HTML 6Page - STMicroelectronics TDA7562 Datasheet HTML 7Page - STMicroelectronics TDA7562 Datasheet HTML 8Page - STMicroelectronics TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics TDA7562 Datasheet HTML 11Page - STMicroelectronics TDA7562 Datasheet HTML 12Page - STMicroelectronics TDA7562 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
TDA7562
As for SHORT TO GND / Vs the fault-detection thresholds remain unchanged from 30 dB to 16 dB gain setting.
They are as follows:
Concerning SHORT ACROSS THE SPEAKER , the threshold varies from 30 dB to 16 dB gain setting, since
different loads are expected (either normal speaker's impedance or high impedance). The values in case of 30
dB gain are as follows:
If the Line-Driver mode (Gv= 16 dB and Line Driver Mode diagnostic = 1) is selected, the same thresholds will
change as follows:
OUTPUT DC OFFSET DETECTION
Any DC output offset exceeding ± 2V are signalled out. This inconvenient might occur as a consequence of ini-
tially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
– START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
– STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature is disabled if any
overloads leading to activation of the short-circuit protection occurs in the process.
MULTIPLE FAULTS
When more misconnections are simultaneously in place at the audio outputs, it is guaranteed that at least one
of them is initially read out. The others are notified after successive cycles of I2C reading and faults removal,
provided that the diagnostic is enabled.
The table below shows all the couples of double-fault possible. It should be taken into account that a short circuit
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V
S.C. across Load
x
0V
1.5
Infinite
Normal Operation
0.5
D01AU1254mod
D01AU1252mod
S.C. across Load
x
0
4.5
infinite
Normal Operation
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com