Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics TDA7562 Datasheet HTML 11Page - STMicroelectronics TDA7562 Datasheet HTML 12Page - STMicroelectronics TDA7562 Datasheet HTML 13Page - STMicroelectronics TDA7562 Datasheet HTML 14Page - STMicroelectronics TDA7562 Datasheet HTML 15Page - STMicroelectronics TDA7562 Datasheet HTML 16Page - STMicroelectronics TDA7562 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
TDA7562
Examples of bytes sequence
1 - Turn-On of the power amplifier with 30dB gain, mute on, diagnostic defeat, CD = 2%.
2 - Turn-Off of the power amplifier
3 - Offset detection procedure enable
4 - Offset detection procedure stop and reading operation (the results are valid only for the offset detection bits
(D2 of the bytes DB1, DB2, DB3, DB4).
s
The purpose of this test is to check if a D.C. offset (2V typ.) is present on the outputs, produced by input
capacitor with anomalous leackage current or humidity between pins.
s
The delay from 4 to 5 can be selected by software, starting from T.B.D. ms
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X0000000
XXX1XX11
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X0XXXXXX
XXX0XXXX
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
XX1XX11X
XXX1XXXX
Start
Address byte with D0 = 1
ACK
DB1
ACK
DB2
ACK
DB3
ACK
DB4
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com