Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52742ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M52742ASP Datasheet HTML 1Page - Renesas Technology Corp M52742ASP Datasheet HTML 2Page - Renesas Technology Corp M52742ASP Datasheet HTML 3Page - Renesas Technology Corp M52742ASP Datasheet HTML 4Page - Renesas Technology Corp M52742ASP Datasheet HTML 5Page - Renesas Technology Corp M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 4 of 26
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Supply voltage (pins 3, 8, 12, 36)
VCC12
13.0
V
Supply voltage (pin 17)
VCC5
6.0
V
Power dissipation
Pd
2403
mW
Ambient temperature
Topr
−20 to +75
°C
Storage temperature
Tstg
−40 to +150
°C
Recommended supply 12
Vopr12
12.0
V
Recommended supply 5
Vopr5
5.0
V
Electrical Characteristics
(VCC = 12 V, 5 V, Ta = 25°C, unless otherwise noted)
Min.
Limits
Input
CTL
Voltage
BUS CTL (H)
2, 6,
11
RGB
in
4, 9
13
OSD
in
1
OSD
BLK
7
SOG
in
16
UNI
in
30
Bri-
ght
15
ABL
00H
Main
Cont
64H
100
01H
Sub
Cont
1
02H
Sub
Cont
2
03H
Sub
Cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
27
ReT
BLK
19
CP in
Unit
Test
Point
(s)
2.0 5.0
aa
aaa
b
SG5


 

IN
OUT
V
P-P
Symbol
ICC1
ICC2
Vomax
Vimax
Gv
∆Gv
VC1
∆V
C1
VC2
∆V
C2
VC3
∆V
C3
VSC1
∆V
SC1
VSC2
∆V
SC2
VSC3
∆V
SC3
Item
Circuit
current1
Circuit
current2
Output
dynamic range
Maximum
input
Maximum
gain
Relative max-
imum gain
Main contrast
control
characteristics1
Main contrast
control relative
characteristics1
Main contrast
control
characteristics2
Main contrast
control relative
characteristics2
Main contrast
control
characteristics3
Main contrast
control relative
characteristics3
Sub contrast
control
characteristics1
Sub contrast
control relative
characteristics1
Sub contrast
control
characteristics2
Sub contrast
control relative
characteristics2
Sub contrast
control
characteristics3
Sub contrast
control relative
characteristics3
Typ. Max.
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
00H
0
00H
0
mA
I
A
4.0 5.0
aa
aaa
b
SG5
 126 146
Vari
able
5.0
aa
aaa
b
SG5
OUT
V
P-P
6.0
8.0
1.6

FFH
255
2.0 5.0
aa
aaa
b
SG5
OUT
dB
16.5 17.7
19.4


  
0.8
1.0
1.2
C8H
200
2.0 5.0
aa
aaa
b
SG5
OUT
dB
15.5 17.0
18.5


  
0.8
1.0
1.2
64H
100
aa
aaa
b
SG5
2.0 5.0
OUT
dB
9.5
11.0
12.5


  
0.8
1.0
1.2
14H
20
aa
aaa
b
SG5
2.0 5.0
OUT
V
P-P
0.2
0.4
0.6


  
0.8
1.0
1.2


   
 
0.8
1.0
1.2
0.8
1.0
1.2


 

0.8
1.0
1.2
FFH
255
C8H
200
C8H
200
C8H
200
aa
aaa
b
SG5
2.0 5.0
OUT
dB
16.0 17.5
19.0
aa
aaa
b
SG5
FFH
255
64H
100
64H
100
64H
100
2.0 5.0
OUT
dB
12.0 13.5
15.0
aa
aaa
b
SG5
FFH
255
14H
20
14H
20
14H
20
2.0 5.0
OUT
V
P-P
1.5
1.9
2.2
4.0 5.0
aa
aaa
b
SG5
I
B
mA
18
25
b
SG2
Variable
a
b
SG2
b
SG1
b
SG1
b
SG1
b
SG1
b
SG1
b
SG1
b
SG1
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com