Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52742ASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M52742ASP Datasheet HTML 3Page - Renesas Technology Corp M52742ASP Datasheet HTML 4Page - Renesas Technology Corp M52742ASP Datasheet HTML 5Page - Renesas Technology Corp M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp M52742ASP Datasheet HTML 10Page - Renesas Technology Corp M52742ASP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 7 of 26
Electrical Characteristics (cont.)
Min.
Limits
Input
CTL
Voltage
BUS CTL (H)
15
ABL
19
CP in
Typ. Max. Unit
Test
Point
(s)
Symbol
TDS-R
VOH
VOL
DNL
UNI1
UNI2
IA
−
IA
+
2, 6,
11
RGB
in
4, 9
13
OSD
in
1
OSD
BLK
7
SOG
in
16
UNI
in
30
Bri-
ght
00H
Main
Cont
01H
Sub
Cont
1
02H
Sub
Cont
2
03H
Sub
Cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
27
ReT
BLK
Sync
OUT
5.0
aa
a
b
SG4
a
a
a
ns
060
90
V
DC
00.5
1.0
OUT
%
710
13
LSB
−1.0 
1.0
mA
0.18

mA
2.0
5.0
aa
a
a
a
a
a2.0
5.0
aa
a
a
a
a
a2.0
5.0
aa
a
a
a
a
a2.0
5.0
aa
a
a
a
a
a2.0
5.0
aa
a
a
a
a
a2.0
5.0
aa
a
a
b
SG1
b
SG5
b
SG6
2.5 V
2.0
5.0
aa
a
a
b
SG1
b
SG5
b
SG6
1.25 V
2.0

1.0
%OUT
3.5
5
6.5
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
00H
0
Vari
able
Vari
able
Vari
able
Vari
able
00H
0
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
C8H
200
C8H
200
C8H
200
C8H
200
Item
Sync output
delay time2
D/A L output
voltage
D/A
nonlinearity
Uniformity
characteristics2
D/A input
current range
D/A output
current range
Uniformity
characteristics1
D/A H output
voltage
D/A
OUT
D/A
OUT
D/A
OUT
D/A
OUT
D/A
OUT
V
DC
4.5
5.0
5.5

Electrical Characteristics Test Method
ICC1 Circuit Current1
Measuring conditions are as listed in supplementary Table.
Measured with a current meter at test point IA.
ICC2 Circuit Current2
Measuring conditions are as listed in supplementary Table.
Measured with a current meter at test point IB.
Vomax Output Dynamic Range
Decrease V30 gradually, and measure the voltage when the waveform output is distorted. The voltage is called VOL.
Next, increase V30 gradually, and measure the voltage when the top of waveform output is distorted. The voltage is
called VOH.
Voltage Vomax is calculated by the equation below:
Vomax = VOH
− VOL
Waveform output
VOL
0.0
5.0
VOH
(V)
Vimax Maximum Input
Increase the input signal (SG2) amplitude gradually, starting from 700 mVP-P. Measure the amplitude of the input
signal when the output signal starts becoming distorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com