Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52742ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M52742ASP Datasheet HTML 1Page - Renesas Technology Corp M52742ASP Datasheet HTML 2Page - Renesas Technology Corp M52742ASP Datasheet HTML 3Page - Renesas Technology Corp M52742ASP Datasheet HTML 4Page - Renesas Technology Corp M52742ASP Datasheet HTML 5Page - Renesas Technology Corp M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 1 of 26
M52742ASP
BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
REJ03F0192-0201
Rev.2.01
Mar 31, 2008
Description
M52742ASP is semiconductor integrated circuit for CRT display monitor.
It includes OSD blanking, OSD mixing, retrace blanking, wide band amplifier, brightness control, uniformity function.
Main/sub contrast and OSD adjust function can be controlled by I2C BUS.
Features
• Frequency band width: RGB
200 MHz (at
−3 dB)
OSD
80 MHz
Input: RGB
0.7 VP-P (typ.)
OSD
3 VP-P min. (positive)
BLK (for OSD)
3 VP-P min. (positive)
Retrace BLK
3 VP-P min. (positive)
Output: RGB
5.5 VP-P (max.)
OSD
5 VP-P (max.)
• Main contrast and sub contrast can be controlled by I2C BUS.
• Include internal and external pedestal clamp circuit.
Application
CRT display monitor
Recommended Operating Condition
Supply voltage range:
11.5 to 12.5 V (V3, V8, V12, V36)
4.5 to 5.5 V (V17)
Rated supply voltage:
12.0 V (V3, V8, V12, V36)
5.0 V (V17)
Major Specification
BUS controlled 3ch video pre-amp with OSD mixing function and retrace blanking function


Similar Part No. - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
More results

Similar Description - M52742ASP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52759SP MITSUBISHI-M52759SP Datasheet
466Kb / 25P
UNIFORMITY FOR CRT DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
Uniformity for CRT Display Monitor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com