Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52742ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52742ASP
Description  BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52742ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52742ASP Datasheet HTML 1Page - Renesas Technology Corp M52742ASP Datasheet HTML 2Page - Renesas Technology Corp M52742ASP Datasheet HTML 3Page - Renesas Technology Corp M52742ASP Datasheet HTML 4Page - Renesas Technology Corp M52742ASP Datasheet HTML 5Page - Renesas Technology Corp M52742ASP Datasheet HTML 6Page - Renesas Technology Corp M52742ASP Datasheet HTML 7Page - Renesas Technology Corp M52742ASP Datasheet HTML 8Page - Renesas Technology Corp M52742ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
M52742ASP
REJ03F0192-0201 Rev.2.01 Mar 31, 2008
Page 3 of 26
Pin Arrangement
OSD BLK IN
INPUT (R)
VCC1 (R)
OSD IN (R)
GND1 (R)
INPUT (G)
INPUT (SOG)
VCC1 (G)
OSD IN (G)
GND1 (G)
INPUT (B)
VCC1 (B)
OSD IN (B)
GND1 (B)
ABL IN
UNIFORMITY IN
VCC = 5 V
SOG SEP OUT
VCC2
OUTPUT (R)
EXT FEED BACK (R)
GND2
OUTPUT (G)
EXT FEED BACK (G)
MAIN BRIGHTNESS
OUTPUT (B)
EXT FEED BACK (B)
RETRACE BLK IN
D/A OUT1
D/A OUT2
D/A OUT3
D/A OUT4
GND (5 V)
SDA
SCL
CLAMP PULSE IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
M52742ASP
(Top view)
Outline: 36P4E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com