Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9203A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9203A
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9203A Datasheet HTML 4Page - STMicroelectronics TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics TDA9203A Datasheet HTML 10Page - STMicroelectronics TDA9203A Datasheet HTML 11Page - STMicroelectronics TDA9203A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
t
HDAT
t
SUDAT
t
LOW
t
HIGH
t
HDS
t
SUP
t
BUF
SDA
SCL
Figure 7
I
2C INTERFACE TIMINGS REQUIREMENTS (see Figure 7)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tBUF
Time the bus must be free between 2 access
1300
ns
tHDS
Hold Time for Start Condition
600
ns
tSUP
Set-up Time for Stop Condition
600
ns
tLOW
The Low Period of Clock
1300
ns
tHIGH
The High Period of Clock
600
ns
tHDAT
Hold Time Data
300
ns
tSUDAT
Set-up Time Data
250
ns
tR,tF
Rise and Fall Time of both SDA and SCL
20
300
ns
TDA9203A
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com