Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9203A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9203A
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics TDA9203A Datasheet HTML 10Page - STMicroelectronics TDA9203A Datasheet HTML 11Page - STMicroelectronics TDA9203A Datasheet HTML 12Page - STMicroelectronics TDA9203A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
REGISTER DESCRIPTION
Registers Sub-address
Address (Hex)
Register Names
Function
POR Value
01
Contrast
DAC 8-bit
B4
02
Brightness
DAC 8-bit
B4
03
Drive 1
DAC 8-bit
B4
04
Drive 2
DAC 8-bit
B4
05
Drive 3
DAC 8-bit
B4
06
Output DC Level
DAC 4-bit
08
07
OSD Contrast
DAC 4-bit
08
08
BP and Miscellaneous
See R8 Table
04
Contrast Register (R1) (Video IN = 0.5VPP, Brightness at minimum,Drive at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
CONT (VPP)
G (dB)
POR Value
00
0
0
0
0000
0
0
-
01
0
0
0
0000
1
0.015
-30
02
0
0
0
0001
0
0.031
-24
04
0
0
0
0010
0
0.062
-18
08
0
0
0
0100
0
0.125
-12
10
0
0
0
1000
0
0.25
-6
20
0
0
1
0000
0
0.5
0
40
0
1
0
0000
0
1
6
80
1
0
0
0000
0
2
12
B4
1
0
1
1010
0
2.812
15
X
FF
1
1
1
1111
1
4
18
Brightness Register (R2) (Drive at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
BRT (V)
POR Value
00
0
0
0
0000
0
0
01
0
0
0
0000
1
0.010
02
0
0
0
0001
0
0.020
04
0
0
0
0010
0
0.040
08
0
0
0
0100
0
0.080
10
0
0
0
1000
0
0.160
20
0
0
1
0000
0
0.320
40
0
1
0
0000
0
0.640
80
1
0
0
0000
0
1.28
B4
1
0
1
1010
0
1.8
X
FF
1
1
1
1111
1
2.56
TDA9203A
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com