Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9203A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA9203A
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA9203A Datasheet HTML 1Page - STMicroelectronics TDA9203A Datasheet HTML 2Page - STMicroelectronics TDA9203A Datasheet HTML 3Page - STMicroelectronics TDA9203A Datasheet HTML 4Page - STMicroelectronics TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HSYNC
V
CONT
(4)
BPCP
BLK
Video IN
FBLK
OSD IN
V
OSD
(5)
V
BRT
(3)
V
BLACK
(2)
V
DC
(1)
CONT
OSD
BRT
0.4V fixed
V
OUT1,VOUT2,VOUT3
Notes : 1.
V
DC = 0.5 to 2.5V
2.
V
BLACK =VDC + 0.4V
3.
V
BRT =VBLACK + BRT (with BRT = 0 to 2.5V)
4.
V
CONT =VBRT + CONT with CONT = k x Video IN (CONT = 5VPP max. for VIN = 0.7VPP)
5.
V
OSD =VBRT + OSD with OSD = k1 x OSDIN (OSD max. = 5.5VPP, OSD min. = 360mVPP)
Figure 4 : Waveforms VOUT, BRT, CONT, OSD
HSYNC
V
CONT
BPCP
BLK
Video IN
FBLK
OSD IN
V
OSD
V
BRT
V
BLACK
V
DC
V
OUT1,VOUT2,VOUT3
Note : 1. Drive adjustment modifies the following voltages : V
CONT,VBRT and VOSD.
Drive adjustment do not modify the following voltages : V
DC and VBLACK.
Two exemples
of drive adjustment (1)
Figure 5 : Waveforms (DRIVE adjustment)
FUNCTIONAL DESCRIPTION (continued)
SCL
W
A7
A6
A5
A4
A3
A2
A1
A0
SDA
Register Address
ACK
ACK
I2C Slave Address
Start
D7
D6
D5
D4
D3
D2
D1
D0
Data Byte
ACK
Stop
Figure 6 : I
2C Write Operation
TDA9203A
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com