Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9203A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA9203A
Description  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics TDA9203A Datasheet HTML 10Page - STMicroelectronics TDA9203A Datasheet HTML 11Page - STMicroelectronics TDA9203A Datasheet HTML 12Page - STMicroelectronics TDA9203A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
REGISTER DESCRIPTION (continued)
Drive Registers (R3, R4, R5) (Video IN = 0.5VPP, Brightness at minimum, Contrast at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
CONT (VPP)
G (dB)
POR Value
00
0
0
0
0000
0
0
-
01
0
0
0
0000
1
0.015
-30
02
0
0
0
0001
0
0.031
-24
04
0
0
0
0010
0
0.062
-18
08
0
0
0
0100
0
0.125
-12
10
0
0
0
1000
0
0.25
-6
20
0
0
1
0000
0
0.5
0
40
0
1
0
0000
0
1
6
80
1
0
0
0000
0
2
12
B4
1
0
1
1010
0
2.812
15
X
FF
1
1
1
1111
1
4
18
Output DC Level Register (R6)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
DC (V)
POR Value
03
0
0
0
0001
1
0.52
04
0
0
0
0010
0
0.69
08
0
0
0
0100
0
1.35
X
0F
0
0
0
0111
1
2.5
Code 00Hex, 01Hex and 02Hex : not to be used
OSD Contrast Register (R7) (VOSD IN = 2.4VMin.., Drive at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
OSD (V)
G (dB)
POR Value
00
0
0
0
0000
0
0
-
01
0
0
0
0000
1
0.36
-24
02
0
0
0
0001
0
0.73
-18
04
0
0
0
0010
0
1.46
-12
08
0
0
0
0100
0
2.93
-6
X
0F
0
0
0
0111
1
5.5
0
BP and Miscellaneous Register (R8)
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
0
BP Source = HSYNC
X
1
BP Source = BLK
0
0
BP Pulse Width = 0.33
µs
0
1
BP Pulse Width = 0.66
µs
1
0
BP Pulse Width = 1
µsX
1
1
BP Pulse Width = 1.3
µs
0
0
Test Purposes
X
0
0
0
Soft Blanking OFF
X
1
1
1
Soft Blanking ON
0
Semi Transparent OFF
X
1
Semi Transparent ON
0
Positive Blanking Polarity Selection
X
1
Negative Blanking Polarity Selection
TDA9203A
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com